Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3661 Datasheet(PDF) 59 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 59 Page - ams AG

Back Button AS3661 Datasheet HTML 55Page - ams AG AS3661 Datasheet HTML 56Page - ams AG AS3661 Datasheet HTML 57Page - ams AG AS3661 Datasheet HTML 58Page - ams AG AS3661 Datasheet HTML 59Page - ams AG AS3661 Datasheet HTML 60Page - ams AG AS3661 Datasheet HTML 61Page - ams AG AS3661 Datasheet HTML 62Page - ams AG AS3661 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
58 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 28. LED Test Results vs. Measured Voltage
8.10.19 ENGINE1 VARIABLE A
8.10.20 ENGINE2 VARIABLE A
8.10.21 ENGINE3 VARIABLE A
8.10.22 MASTER FADER1
Table 54. ENGINE1 VARIABLE A Register
Register: 0x45
ENGINE1 VARIABLE A
Bit
Bit Name
Default
Access
Bit Description
7:0
ENGINE1_
VARIABLE_A
0000 0000
R
These bits are used for engine 1 as a local variable. The
register is a read only register and can be used for example for
arithmetic operations with the program execution engine.
Table 55. ENGINE2 VARIABLE A Register
Register: 0x46
ENGINE2 VARIABLE A
Bit
Bit Name
Default
Access
Bit Description
7:0
ENGINE2_
VARIABLE_A
0000 0000
R
These bits are used for engine 2 as a local variable. The
register is a read only register and can be used for example for
arithmetic operations with the program execution engine.
Table 56. ENGINE3 VARIABLE A Register
Register: 0x47
ENGINE3 VARIABLE A
Bit
Bit Name
Default
Access
Bit Description
7:0
ENGINE3_
VARIABLE_A
0000 0000
R
These bits are used for engine 3 as a local variable. The
register is a read only register and can be used for example for
arithmetic operations with the program execution engine.
Table 57. MASTER FADER1 Register
Register: 0x48
MASTER FADER1
Bit
Bit Name
Default
Access
Bit Description
7:0
MASTER_FADER1
0000 0000
R/W
An 8-bit register to control all the LED-drivers mapped to
MASTER FADER1. Master fader allows the user to control
dimming of multiple LEDS with a single serial bus write. This is
a faster method to control the dimming of multiple LEDs
compared to the dimming done with the PWM registers
(address 0x16 to 0x1E), which would need multiple writes.
0
1
2
3
4
5
40
90
140
190
RESULT (DEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com