Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3661 Datasheet(PDF) 38 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 38 Page - ams AG

Back Button AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG AS3661 Datasheet HTML 38Page - ams AG AS3661 Datasheet HTML 39Page - ams AG AS3661 Datasheet HTML 40Page - ams AG AS3661 Datasheet HTML 41Page - ams AG AS3661 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
37 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.3 OUTPUT DIRECT/RATIOMETRIC MSB and LSB
A particular feature of the AS3661 is the ratiometric up/down dimming of the RGB-LEDs. In other words, the LED
driver PWM output will vary in a ratiometric manner. By a ratiometric approach the emitted color of an RGB–LED
remains the same regardless of the initial magnitudes of the R/G/B PWM outputs. For example, if the PWM output of
the red LED output is doubled, the output of green LED is doubled also.
Table 9. ENGINE CNTRL2 Register
Register: 0x01
ENGINE CNTRL2
Bit
Bit Name
Default
Access
Bit Description
5:4
ENGINE1_MODE
00
R/W
00: Disabled
01: Load program to SRAM, reset engine 1 PC
10: Run program as defined by ENGINE1_EXEC bits
11: Halts the engine
3:2
ENGINE2_MODE
00
R/W
00: Disabled
01: Load program to SRAM, reset engine 2 PC
10: Run program as defined by ENGINE2_EXEC bits
11: Halts the engine
1:0
ENGINE3_MODE
00
R/W
00: Disabled
01: Load program to SRAM, reset engine 3 PC
10: Run program as defined by ENGINE3_EXEC bits
11: Halts the engine
Table 10. OUTPUT DIRECT / RATIOMETRIC MSB Register
Register: 0x02
OUTPUT DIRECT/RATIOMETRIC MSB
Bit
Bit Name
Default
Access
Bit Description
0
LED9_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED9 output.
1: enables ratiometric dimming for LED9 output.
Table 11. OUTPUT DIRECT / RATIOMETRIC LSB Register
Register: 0x03
OUTPUT DIRECT/RATIOMETRIC LSB
Bit
Bit Name
Default
Access
Bit Description
7
LED8_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED8 output.
1: enables ratiometric dimming for LED9 output.
6
LED7_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED7 output.
1: enables ratiometric dimming for LED9 output.
5
LED6_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED6 output.
1: enables ratiometric dimming for LED9 output.
4
LED5_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED5 output.
1: enables ratiometric dimming for LED9 output.
3
LED4_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED4 output.
1: enables ratiometric dimming for LED9 output.
2
LED3_RATIO_EN
0
R/W
0: Disables ratiometric dimming for LED3 output.
1: enables ratiometric dimming for LED9 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com