Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3661 Datasheet(PDF) 75 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 75 Page - ams AG

Back Button AS3661 Datasheet HTML 71Page - ams AG AS3661 Datasheet HTML 72Page - ams AG AS3661 Datasheet HTML 73Page - ams AG AS3661 Datasheet HTML 74Page - ams AG AS3661 Datasheet HTML 75Page - ams AG AS3661 Datasheet HTML 76Page - ams AG AS3661 Datasheet HTML 77Page - ams AG AS3661 Datasheet HTML 78Page - ams AG AS3661 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
74 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
If the mapping table start address is reached, activation will roll to the mapping table end address next time the
mux_map_prev instruction is called. Engine will not push a new PWM value to the LED driver output before set_pwm
or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register will still
control the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO state.
COMPILER COMMAND SYNTAX: MMP;
This command doesn’t support any parameters.
8.13.8 MUX_LD_NEXT
Similar than the mux_map_next instruction, but only the index pointer will be set to point to the next row i.e. no
mapping will be set and the engine-to-LED-driver connection will not be updated.
COMPILER COMMAND SYNTAX: MLN;
This command doesn’t support any parameters.
8.13.9 MUX_LD_PREV
Similar than the mux_map_prev instruction, but only the index pointer will be set to point to the previous row i.e. no
mapping will be set and the engine-to-LED-driver connection will not be updated.
COMPILER COMMAND SYNTAX: MLP;
This command doesn’t support any parameters.
8.13.10 MUX_MAP_ADDR
Mux_map_addr sets the index pointer to point the mapping table row defined by bits [6:0] and sets the row active.
Engine will not push a new PWM value to the LED driver output before set_pwm or ramp instruction is executed. If the
mapping has been released from an LED, the value in the PWM register will still control the LED brightness. If the
mapping is released from the GPO pin, serial bus control takes over the GPO state
COMPILER COMMAND SYNTAX: MMA, SRAM address[7];.
8.13.10.1 MMA Application Example
In this example we asume the we have aleady defined the start and end address of the LED mapping table. Now we
want to set address 83d within the address range of the map table active.
COMPILER COMMAND SYNTAX EXAMPLE: MMA, 83;
8.13.11 MUX_LD_ADDR
Mux_ld_addr sets the index pointer to point the mapping table row defined by bits [6:0], but the row will not be set
active.
COMPILER COMMAND SYNTAX: MLA, SRAM address;
Table 84. MMA Parameter Description
Name
Value
Description
SRAM address
0-95
Any SRAM address containing mapping data.
Table 85. MLA Parameter Description
Name
Value
Description
SRAM address
0-95
Any SRAM address containing mapping data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com