Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 36 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 32Page - Analog Devices AD9739BBC Datasheet HTML 33Page - Analog Devices AD9739BBC Datasheet HTML 34Page - Analog Devices AD9739BBC Datasheet HTML 35Page - Analog Devices AD9739BBC Datasheet HTML 36Page - Analog Devices AD9739BBC Datasheet HTML 37Page - Analog Devices AD9739BBC Datasheet HTML 38Page - Analog Devices AD9739BBC Datasheet HTML 39Page - Analog Devices AD9739BBC Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 36 of 48
90
0
DB0[13:0]
DB1[13:0]
DCI
DB0
EVEN
DB0
ODD
DB1
EVEN
DB1
ODD
DCO
fDAC/4
SYNC_IN
SYNC_OUT
DIV-BY-4
0/180
RX DATA CONTROLLER
90/270
STATE MACHINE
TRACKING LOOP
PHASE
ROTATOR
SLAVE ONLY
TO DAC
DELAY
DELAY
fDAC
Mu Delay
MU DELAY
fDAC DISTRIBUTION
SYNCHRONIZATION CONTROLLER
0
180
270
90
DIV-BY-4
DELAY
STATE MACHINE
TRACKING LOOP
PHASE
COMPARISON
Figure 53. Top Level Block Diagram of Synchronization Circuitry and Controller
Figure 53 shows a top-level diagram of the synchronization
controller (bottom) and how it interfaces to other digital
functional blocks within the AD9739. Note the following
observations of this top level diagram:
•
Synchronization between multiple devices is achieved by
rotating the div-by-4 phases of the slave devices such that
they align with the master.
•
For the slave devices, the sync controller compares the phase
alignment of the master’s SYNC_IN reference signal with
the initial 0o/90o outputs of the div-by-4 and then rotates
the div-by-4 phase until the SYNC_IN signal falls between
these phases.
•
A reference signal common to all devices is required for
synchronization. The master device generates this signal by
providing a SYNC_OUT signal which is then distributed to
all the devices (including itself with tight time alignment)
as a SYNC_IN signal.
•
Because the SYNC_IN signal has a defined relationship
between the div-by-4 phase of the master, the slave devices can
now align their respective div-by-4 phases to the SYNC_IN
phase thus ensuring phase alignment among all devices.
•
It is not possible to manually rotate the div-by-4 phases of
the data path with the sync controller enabled. This can be
a problem at lower clock rates were one may desire to rotate
the div-by-4 phase to ensure locking of the data receiver
controller and/or achieve a more optimum DCI_DEL value.
•
The DCO output signal is generated from a separate div-
by-4 circuit, and therefore, has a random phase upon each
startup. For this reason, the DCO of the master should be
distributed to all the FPGAs.
SYNC Controller Initialization Description
The sync controller of the master is enabled by writing 0x70 to
Register 0x10. Once enabled, a state machine automatically adjusts
the output delay of its SYNC_OUT signal such that the fed back
reference SYNC_IN signal is centered between the 0° and 90°
output phases associated with its div-by-4 circuit. Note that the
coarse delay is performed by shifting phases via PHZ MUX while
the fine delay that centers (and tracks) variation is done by a
variable delay line. The variable delay line tap size is 12 ps. Once
SYNC_IN is centered, the controller enters tracking mode such
that SYNC_IN remains centered despite possible system variations
in temperature and/or supply. Centering the SYNC_IN signal
on the master device ensures that the SYNC_IN signals of the slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com