Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 6 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 2Page - Analog Devices AD9739BBC Datasheet HTML 3Page - Analog Devices AD9739BBC Datasheet HTML 4Page - Analog Devices AD9739BBC Datasheet HTML 5Page - Analog Devices AD9739BBC Datasheet HTML 6Page - Analog Devices AD9739BBC Datasheet HTML 7Page - Analog Devices AD9739BBC Datasheet HTML 8Page - Analog Devices AD9739BBC Datasheet HTML 9Page - Analog Devices AD9739BBC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 6 of 48
SERIAL PORT SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V.
Table 3.
Parameter
Min
Typ
Max
Unit
WRITE OPERATION (See Figure 36)
SCLK Clock Rate, fSCLK (or /tSCLK)
20
MHz
SCLK Clock High, tHI
18
ns
SCLK Clock Low, tLOW
18
ns
SDIO to SCLK Setup Time, tDS
2
ns
SCLK to SDIO Hold Time, tDH
1
ns
CS to SCLK Setup Time, tS
3
ns
SCLK to CS Hold Time, tH
2
ns
READ OPERATION (See Figure 37 and Figure 38)
SCLK Clock Rate, fSCLK (or /tSCLK)
20
MHz
SCLK Clock High, tHI
18
ns
SCLK Clock Low, tLOW
18
ns
SDIO to SCLK Setup Time, tDS
2
ns
SCLK to SDIO Hold Time, tDH
1
ns
CS to SCLK Setup Time, tS
3
ns
SCLK to SDIO (or SDO) Data Valid Time, tDV
15
ns
CS to SDIO (or SDO) Output Valid to High-Z, tEZ
2
ns
INPUTS (SDIO, SCLK, CS)
Voltage in High, VIH
2.0
3.3
V
Voltage in Low, VIL
0
0.8
V
Current in High, IIH
−10
+10
μA
Current in Low, IIL
−10
+10
μA
OUTPUT (SDIO)
Voltage Out High, VOH
2.4
3.5
V
Voltage Out Low, VOL
0
0.4
V
Current Out High, IOH
4
mA
Current Out Low, IOL
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com