Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 31 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 27Page - Analog Devices AD9739BBC Datasheet HTML 28Page - Analog Devices AD9739BBC Datasheet HTML 29Page - Analog Devices AD9739BBC Datasheet HTML 30Page - Analog Devices AD9739BBC Datasheet HTML 31Page - Analog Devices AD9739BBC Datasheet HTML 32Page - Analog Devices AD9739BBC Datasheet HTML 33Page - Analog Devices AD9739BBC Datasheet HTML 34Page - Analog Devices AD9739BBC Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 31 of 48
LVDS INPUTS
(NO FAIL-SAFE)
VP
LVDS
RECEIVER
GND
100Ω
VN
VP,N
VCOM
= (VP + VN)/2
LOGIC BIT
EQUIVALENT
VP
VN
VP
VN
EXAMPLE
1.4V
1.0V
0.4V
–0.4V
0V
LOGIC 1
LOGIC 0
Rotating the CLKDIVPH phase provides a means of adjusting
the delay in course steps of fDAC/4. For example, in the 800 MSPS
and 1600 MSPS cases described above, rotating the CLKDIVPH
setting by 1 corresponds to a delay shift of 5 ns and 2.5 ns,
respectively. By adding an additional step in the SPI initialization
routine for the data receiver controller, it becomes possible to
increase the effective range of the delay line to ensure a
DCI_DEL value that falls within a reasonable guard band.
LVDS Driver and Receiver Input
The AD9739 features a LVDS-compatible driver and receivers.
The LVDS driver output used for the DCO and SYNC_OUT
signal includes an equivalent 200 Ω source resistor that limits its
nominal output voltage swing to ±200 mV when driving a
100 Ω load. The DCO output driver can be powered down via
Register 0x01, Bit 5. An equivalent circuit is shown in Figure 44
DCO_N
VSS
VDD33
DCO_P
V+
V+
V–
V–
100Ω
VCM
100Ω
ESD
ESD
Figure 46. LVDS Data Input Levels
100Ω
100Ω
100Ω
VDD33 = 3.3V
LVDS_1
LVDS_N
LVDS_2
VP = 1.4V
R1
R2
VP = 1.4V
R1 = 4.75 × 100/N
R2 = 2.50 × 100/N
Figure 44. Equivalent LVDS Output
VSS
VDD33
DCI_P
DBx[13:0]P
DCI_N
DBx[13:0]N
100Ω
ESD
ESD
Figure 45. Equivalent LVDS Input
The LVDS receivers include 100 Ω termination resistors, as
shown in Figure 45. These receivers meet the IEEE-1596.3-1996
reduced swing specification (with the exception of input hysteresis,
which cannot be guaranteed over all process corners). Figure 46
and Figure 47 show an example of nominal LVDS voltage levels
seen at the input of the differential receiver with resulting common-
mode voltage and equivalent logic level. The LVDS receivers
can be powered down via Register 0x01, Bit 4.
Figure 47. Resistor Network to Bias Unused LVDS Data Inputs
The AD9739 LVDS inputs do not include fail-safe capability.
Any unused data input pins should be biased with an external
network or static driver. Figure 47 shows an external biasing
network that can be used to place unused data bits into a known
state. The resistor values for R1 and R2 are selected to establish
a VP and VN of 1.4 V and 1.0 V, respectively, depending on the
number of unused digital inputs, N.
Table 27. Example of LVDS Input Levels
Applied Voltages
Resulting Differential Voltage
Resulting Common-Model Voltage
VP (V)
VN (V)
VP, N
VCOM
Logic Bit Binary Equivalent
1.4
1.0
+0.4 V
1.2 V
1
1.0
1.4
−0.4 V
1.2 V
0
1.0
0.8
+200 mV
900 mV
1
0.8
1.0
−200 mV
900 mV
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com