Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 38 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 34Page - Analog Devices AD9739BBC Datasheet HTML 35Page - Analog Devices AD9739BBC Datasheet HTML 36Page - Analog Devices AD9739BBC Datasheet HTML 37Page - Analog Devices AD9739BBC Datasheet HTML 38Page - Analog Devices AD9739BBC Datasheet HTML 39Page - Analog Devices AD9739BBC Datasheet HTML 40Page - Analog Devices AD9739BBC Datasheet HTML 41Page - Analog Devices AD9739BBC Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 38 of 48
ANALOG INTERFACE CONSIDERATIONS
ANALOG MODES OF OPERATION
The AD9739 uses the quad-switch architecture shown in Figure 54.
The quad-switch architecture masks the code-dependent glitches
that occur in a conventional two-switch DAC. Figure 55 compares
the waveforms for a conventional DAC and the quad-switch
DAC. In the two-switch architecture, a code-dependent glitch
occurs each time the DAC switches to a different state (that is,
D1 to D2). This code-dependent glitching causes an increased
amount of distortion in the DAC. In a quad-switch architecture
(no matter what the codes are), there are always two switches
transitioning at each half clock cycle, thus eliminating the code-
dependent glitches. However, a constant glitch occurs at 2 ×
DACCLK because half of the internal switches change state on
the rising DACCLK edge, while the other half change state on
the falling DACCLK edge.
VG1
VDD
IOUTP
IOUTN
VG1
G4
VG3
VG2
DACCLK_x
CLK
LATCHES
DBx[13:0]
VG2
VG3
VG4
V
Figure 54. AD9739 Quad-Switch Architecture
INPUT
DATA
DACCLK_x
TWO-SWITCH
DAC OUTPUT
FOUR-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1 D2 D3 D4 D5
D6 D7 D8 D9 D10
D6 D7 D8 D9 D10
D1 D2 D3 D4 D5
D6 D7 D8 D9 D10
D1 D2 D3 D4 D5
t
Figure 55. Two-Switch and Quad-Switch DAC Waveforms
Another attribute of the quad-switch architecture is that it also
enables the DAC core to operate in one of the following three
modes: normal mode, mix mode, and return-to-zero (RZ) mode.
The mode is selected via SPI Register 0x08, Bits[1:0] with
normal mode being the default value. In the mix mode, the
output is effectively chopped at the DAC sample rate. This has
the effect of reducing the power of the fundamental signal while
increasing the power of the images centered around the DAC
sample rate, thus improving the output power of these images.
The RZ mode is similar to the analog mix mode, except that the
intermediate data samples are replaced with midscale values.
INPUT
DATA
DACCLK_x
FOUR-SWITCH
DAC OUTPUT
(
fS MIX MODE)
FOUR-SWITCH
DAC OUTPUT
(RETURN TO
ZERO MODE)
D6 D7 D8 D9 D10
D1 D2 D3 D4 D5
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6 D7 D8 D9 D10
D1 D2
D3 D4 D5
t
t
Figure 56. Mix-Mode and RZ DAC Waveforms
Figure 56 shows the DAC waveforms for both the mix mode
and the RZ mode. Note that the disadvantage of the RZ mode
is the 6 dB loss of power to the load because the DAC is only
functioning for ½ the DAC update period. This ability to change
modes provides the user the flexibility to place a carrier anywhere
in the first three Nyquist zones, depending on the operating
mode selected. Switching between the analog modes reshapes
the sinc roll-off inherent at the DAC output. The maximum
amplitude in all three Nyquist zones is impacted by this sinc
roll-off, depending on where the carrier is placed (see Figure 57).
As a practical matter, the usable bandwidth in the third Nyquist
zone becomes limited at higher DAC clock rates (that is, >2 GSPS)
when the output bandwidth of DAC core and the interface
network (that is, balun) contributes to additional roll-off.
FREQUENCY (Hz)
0FS
1.50FS
1.25FS
1.00FS
0.75FS
0.50FS
0.25FS
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX MODE
RZ MODE
NORMAL
MODE
Figure 57. Sinc Roll-Off for Each Analog Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com