Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 43 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 39Page - Analog Devices AD9739BBC Datasheet HTML 40Page - Analog Devices AD9739BBC Datasheet HTML 41Page - Analog Devices AD9739BBC Datasheet HTML 42Page - Analog Devices AD9739BBC Datasheet HTML 43Page - Analog Devices AD9739BBC Datasheet HTML 44Page - Analog Devices AD9739BBC Datasheet HTML 45Page - Analog Devices AD9739BBC Datasheet HTML 46Page - Analog Devices AD9739BBC Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 43 of 48
NONIDEAL SPECTRAL ARTIFACTS
The AD9739 output spectrum contains spectral artifacts that
are not part of the original digital input waveform. These non-
ideal artifacts included harmonics (including alias harmonics),
images, and clock spurs. Figure 71 shows a spectral plot of the
AD9739 within the first Nyquist zone (that is, dc to fDAC/2)
reconstructing a 650 MHz, 0 dBFS sine wave at 2.4 GSPS. Besides
the desired fundamental tone at the −7.8 dBm level, the spectrum
also reveals these nonideal artifacts that also appear as spurs
above the measurement noise floor. Because these nonideal
artifacts are also evident in the second and third Nyquist zones
during mix mode operation, the effects of these artifacts should
also be considered when selecting the DAC clock rate for a
target RF band.
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
HD3
HD5
HD9
HD6
HD4
FUND AT
–7.6dBm
fDAC/4 –
fOUT
fDAC/2 –
fOUT
fDAC/4
3/4 ×
fDAC/4 –
fOUT
HD2
Figure 71. Spectral Plot
Note the following important observations pertaining to these
nonideal spectral artifacts:
1.
A full-scale sine wave (that is, single-tone) typically represents
the worst-case condition because it has a peak-to-rms ratio of
3 dB and is unmodulated. Harmonics and aliased harmonics
of a sine wave are easy to identify because they also appear
as discrete spurs. Significant characterization of a high
speed DAC is performed using single (or multitone)
signals for this reason.
2.
Modulated signals (that is, AM, PM, or FM) do not appear as
spurs but rather as signals whose power spectral density is
spread over a defined bandwidth determined by the
modulation parameters of the signals. Any harmonics from
the DAC spread over a wider bandwidth determined by the
order of the harmonic and bandwidth of the modulated signal.
For this reason, harmonics often appear as slight bumps in
the measurement noise floor and can be difficult to discern.
3.
Images appear as replicas of the original signal, therefore,
can be easier to identify. In the case of the AD9739, internal
modulation of the sampling clock at intervals related to
fDAC/4 generate image pairs at ¼ × fDAC, ½ × fDAC, and ¾ × fDAC.
Both upper and lower sideband images associated with ¼ ×
fDAC fall within the first Nyquist zone, while only the lower
image of ½ × fDAC and ¾ × fDAC fall back. Note that the lower
images appear frequency inverted. The difference in dBc
between the fundamental and various images remains
mostly signal independent because the mechanism causing
these images is related to corruption of the sampling clock.
4.
The magnitude of these images for a given device is dependent
on several factors including DAC clock rate, output frequency,
mu controller phase setting, and div-by-4 clock divider
phase (Register 0x14, bit [7:6]. Table 30 shows how the
magnitude of these images vary as the phase is varied for
the case represented in Figure 71. Because the phase varies
at power up, the image magnitude varies making it difficult
to compensate digitally through a one-time factory
calibration procedure. Also, the image magnitude can vary
a few decibels over temperature and between devices due
to process dependencies. (Note that the AD9739A is a
viable option if factory calibration is considered acceptable
for nonmultichip synchronization applications operating
with clock rates in the 1.6 GSPS to 2.5 GSPS range).
Table 30. Image Magnitude vs. Phase (PHZ) Setting
Image location
PHZ0
PHZ1
PHZ2
PHZ3
fDAC/4 − fOUT
−70.2
−71.4
−72.2
−77.1
fDAC/2 − fOUT
−80.2
−71.3
−69.9
−74.9
¾ × fDAC − fOUT
−69.9
−72.5
−73.4
−73.7
5.
A clock spur appears at fDAC/4 and integer multiples of this
frequency. Similar to images, the spur magnitude is also
dependent on the same factors that cause variations in
image levels. However, unlike images and harmonics, clock
spurs always appear as discrete spurs, albeit their magnitude
shows a slight dependency on the digital waveform and
output frequency. Note that the clock spur appearing at fDAC/4
can also be factory calibrated.
6.
A large clock spur also appears at 2 × fDAC in either normal
or mix mode operation. This clock spur is due to the quad
switch DAC architecture causing switching events to occur
on both edges of fDAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com