Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5045 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments LM5045 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LM5045
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C only; limits in boldface type apply the junction temperature range of -40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 48V, RT = 25k
Ω, RD1=RD2=20kΩ. No load on
HO1, HO2, LO1, LO2, SR1, SR2, COMP=0V, UVLO=2.5V, OVP=0V, SSOFF=0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
REF Voltage
IREF = 0mA
4.85
5
5.15
V
REF voltage regulation
IREF = 0 to 10mA
25
50
mV
IREF(Lim)
REF current limit
VREF = 4.5V
15
20
mA
VREFUV
VREF under-voltage threshold
Positive going VREF
4.3
4.5
4.7
V
Hysteresis
0.25
V
Under-Voltage Lock Out and shutdown (UVLO pin)
VUVLO
Under-voltage threshold
1.18
1.25
1.32
V
IUVLO
Hysteresis current
UVLO pin sinking current when
16
20
24
µA
VUVLO<1.25V
Under-voltage standby enable
UVLO voltage rising
0.32
0.4
0.48
V
threshold
Hysteresis
0.05
V
VOVP
OVP shutdown threshold
OVP rising
1.18
1.25
1.32
V
OVP hysteresis current
OVP sources current when OVP>1.25V
16
20
24
µA
Soft-Start (SS Pin)
ISS
SS charge current
VSS = 0V
16
20
24
µA
SS threshold for SSSR charge current ICOMP<800µA
1.93
2.0
2.20
V
enable
SS output low voltage
Sinking 100µA
40
mV
SS threshold to disable switching
200
mV
ISSSR
SSSR charge current
VSS>2V, ICOMP<800µA
16
20
24
µA
ISSSR-DIS1
SSSR discharge current 1
VUVLO<1.25V
54
65
75
µA
ISSSR-DIS2
SSSR discharge current 2
VRES>1V
109
125
147
µA
SSSR output low voltage
Sinking 100µA
50
mV
SSSR threshold to enable SR1/SR2
1.2
V
Current Sense Input (CS Pin)
VCS
Current limit threshold
0.710
0.750
0.785
V
CS delay to output
65
ns
CS leading edge blanking
50
ns
RCS
CS sink impedance (clocked)
Internal FET sink impedance
18
45
Soft-Stop Disable (SS OFF Pin)
VIH(min)
SSOFF Input-threshold
2.8
V
SSOFF pull down resistance
200
k
Current Limit Restart (RES Pin)
RRES
RES pull-down resistance
Termination of hiccup timer
37
VRES
RES hiccup threshold
1
V
RES upper counter threshold
4
V
RES lower counter threshold
2
V
IRES-SRC1
Charge current source 1
VRES<1V,VCS>750mV
30
µA
IRES-SRC2
Charge current source 2
1V<VRES<4V
10
µA
IRES-DIS2
Discharge current source 1
VCS<750mV
5
µA
IRES-DIS2
Discharge current source 2
2V<VRES<4V
5
µA
Ratio of time in hiccup mode to time
VRES>1V, Hiccup counter
147
in current limit
Voltage Feed-Forward (RAMP Pin)
RAMP sink impedance (Clocked)
5.5
20
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com