Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5045 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 11Page - Texas Instruments LM5045 Datasheet HTML 12Page - Texas Instruments LM5045 Datasheet HTML 13Page - Texas Instruments LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
CS
RFILTER
RCS
LM5045
RAMP
CLK + LEB
CLK
Current
Sense
CFILTER
SLOPE
100 PA
0
CS
RFILTER
RCS
LM5045
RAMP
CLK + LEB
CLK
Current
Sense
CFILTER
SLOPE
100 PA
0
RSLOPE
(a)
(b)
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Ramp Pin
The voltage at the RAMP pin provides the modulation ramp for the PWM comparator. The PWM comparator
compares the modulation ramp signal at the RAMP pin to the loop error signal to control the duty cycle. The
modulation ramp signal can be implemented either as a ramp proportional to the input voltage, known as feed-
forward voltage mode control, or as a ramp proportional to the primary current, known as current mode control.
The RAMP pin is reset by an internal MOSFET with an RDS(ON) of 5.5Ω at the conclusion of each PWM cycle.
The ability to configure the RAMP pin for either voltage mode or current mode allows the controller to be
implemented for the optimum control method depending upon the design constraints. Refer to the
APPLICATIONS INFORMATION section for more details on configuring the RAMP pin for feed-forward voltage
mode control and peak current mode control.
Slope Pin
For duty cycles greater than 50% (25% for each phase), peak current mode control is subject to sub-harmonic
oscillation. Sub-harmonic oscillation is normally characterized by observing alternating wide and narrow duty
cycles. This can be eliminated by adding an artificial ramp, known as slope compensation, to the modulating
signal at the RAMP pin. The SLOPE pin provides a current source ramping from 0 to 100
μA, at the frequency set
by the RT resistor, for slope compensation. The ramping current source at the SLOPE pin can be utilized in a
couple of different ways to add slope compensation to the RAMP signal:
1. As shown in Figure 13(a), the SLOPE and RAMP pins can be connected together through an appropriate
resistor to the CS pin. This configuration will inject current sense signal plus slope compensation to the
RAMP pin but CS pin will not see any slope compensation. Therefore, in this scheme slope compensation
will not affect the current limit.
2. In a second configuration, as shown in Figure 13(b), the SLOPE, RAMP and CS pins can be tied together. In
this configuration the ramping current source from the SLOPE pin will flow through the filter resistor and filter
capacitor, therefore both the CS pin and the RAMP pin will see the current sense signal plus the slope
compensation ramp. In this scheme, the current limit is compensated by the slope compensation and the
current limit onset point will vary.
If the slope compensation is not required for e.g. in feed-forward voltage mode control, the SLOPE pin must be
connected to the AGND pin. When the RT pin is synched to an external clock, it is recommended to disable the
SLOPE pin and add slope compensation externally by connecting an appropriate resistor from the VCC pin to the
CS pin. Please refer to the APPLICATIONS INFORMATION section for more details.
A.
Slope Compensation Configured for PWM Only (No Current Limit Slope)
B.
Slope Compensation Configured for PWM and Current Limit
Figure 13. Slope Compensation Configuration
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com