Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5045 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 1 Page - Texas Instruments

  LM5045 Datasheet HTML 1Page - Texas Instruments LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Vout
T1
T1
Vin
ISOLATED
FEEDBACK
SSOFF
VCC
REF
AGND
PGND
SS
RES
RT
UVLO
VIN
HO1
BST1 HS1 LO1
CS
LO2
HS2 BST2 HO2
COMP
LM5045 FULL-BRIDGE CONTROLLER
WITH INTEGRATED GATE DRIVERS
RD1
RD2
GATE
DRIVE
ISOLATION
SR1
SR2
VCC
VCC
ISOLATION
BOUNDARY
SLOPE RAMP
SSSR
OVP
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Full-Bridge PWM Controller with Integrated MOSFET Drivers
Check for Samples: LM5045
1
FEATURES
DESCRIPTION
The LM5045 PWM controller contains all of the
2
Highest Integration Controller for Small Form
features necessary to implement Full-Bridge topology
Factor, High Density Power Converters
power converters using either current mode or
High Voltage Start-up Regulator
voltage mode control. This device is intended to
Intelligent Sync Rectifier Start-up Allows
operate on the primary side of an isolated dc-dc
converter with input voltage up to 100V. This highly
Linear Turn-on into Pre-biased Loads
integrated controller-driver provides dual 2A high and
Synchronous Rectifiers Disabled in UVLO
low side gate drivers for the four external brige
mode and Hiccup Mode
MOSFETs plus control signals for the secondary side
Two Independent, Programmable
synchronous rectifier MOSFETs. External resistors
Synchronous Rectifier dead-time Adjustments
program the leading and trailing edge dead-time
between the main and synchronous rectifier control
Four High Current 2A Bridge Gate Drivers
signals.
Intelligent
startup
of
the
synchronous
Wide-Bandwidth Opto-coupler Interface
rectifiers allows monotonic turn-on of the power
Configurable for either Current Mode or
converter
even
with
pre-bias
load
conditions.
Voltage Mode Control
Additional features include cycle-by-cycle current
limiting, hiccup mode restart, programmable soft-
Dual-mode Over-Current Protection
start, synchronous rectifier soft-start and a 2 MHz
Resistor Programmed 2MHz Oscillator
capable oscillator with synchronization capability and
Programmable Line UVLO and OVP
thermal shutdown.
PACKAGES
HTSSOP 28 pin
WQFN 28 pin (5mm x 5mm)
Simplified Full-Bridge Power Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5045 NSC-LM5045 Datasheet
2Mb / 12P
Input operating range: 36V to 75V Board size: 2.28 x 1.45 x 0.5 inches
logo
Texas Instruments
LM5045 TI-LM5045 Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045 Datasheet
1Mb / 46P
Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5045 TI2-LM5045 Datasheet
1Mb / 47P
LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers
REVISED JANUARY 2015
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com