Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5045 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 13Page - Texas Instruments LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments LM5045 Datasheet HTML 20Page - Texas Instruments LM5045 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
RD(1,2) =
T(1,2)
3 pF
; For 20k < (1,2) < 100k
CLK
HO1,LO2
HO2,LO1
Tonmax
T1
Tosc
T1
1
FOSC
TOSC =
T1 D RD1
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Figure 14. Timing Diagram Illustrating the Maximum Duty Cycle and Dead-Time Set by RD1
Synchronous Rectifier Control Outputs (SR1 & SR2)
Synchronous rectification (SR) of the transformer secondary provides higher efficiency, especially for low output
voltage converters, compared to the diode rectification. The reduction of rectifier forward voltage drop (0.5V -
1.5V) to 10mV - 200mV VDS voltage for a MOSFET significantly reduces rectification losses. In a typical
application, the transformer secondary winding is center tapped, with the output power inductor in series with the
center tap. The SR MOSFETs provide the ground path for the energized secondary winding and the inductor
current. From Figure 15 it can be seen that when the HO1/LO2 diagonal is turned ON, power transfer is enabled
from the primary. During this period, the SR1 MOSFET is enabled and the SR2 MOSFET is turned-off. The
secondary winding connected to the SR2 MOSFET drain is twice the voltage of the center tap at this time. At the
conclusion of the HO1/LO2 pulse, the inductor current continues to flow through the SR2 MOSFET body diode.
Since the body diode causes more loss than the SR MOSFET, efficiency can be improved by minimizing the T2
period while maintaining sufficient timing margin over all conditions (component tolerances, etc.) to prevent the
shoot-through current. When HO2/LO1 enables power transfer from the primary, the SR2 MOSFET is enabled
and the SR1 MOSFET is off.
During the freewheeling period, the inductor current is almost equally shared between both the SR1 and SR2
MOSFETs which effectively shorts the transformer secondary. The SR2 MOSFET is disabled before HO1/LO2 is
turned-on. The SR2 MOSFET body diode continues to carry about the half inductor current until the primary
power raises the SR2 MOSFET drain voltage and reverse biases the body diode. Ideally, dead-time T1 would be
set to the minimum time that allows the SR MOSFET to turn off before the SR MOSFET body diode starts
conducting.
The SR drivers are powered by the REF regulator and each SR output is capable of sourcing 0.1A and sinking
0.4A peak. The amplitude of the SR drivers is limited to 5V. The 5V SR signals enable the LM5045 to transfer
SR control across the isolation barrier either through a solid-state isolator or a pulse transformer. The actual gate
sourcing and sinking currents for the synchronous MOSFETs are provided by the secondary-side bias and gate
drivers.
T1 and T2 can be programmed by connecting a resistor between RD1 and RD2 pins and AGND. It should be
noted that while RD1 effects the maximum duty cycle, RD2 does not. The RD1 and RD2 resistors should be
located very close to the device. The formula for RD1 and RD2 resistors are given below:
(3)
If the desired dead-time for T1 is 60ns, then the RD1 will be 20 k
Ω.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com