Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD831APZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 4 Page - Analog Devices

  AD831APZ Datasheet HTML 1Page - Analog Devices AD831APZ Datasheet HTML 2Page - Analog Devices AD831APZ Datasheet HTML 3Page - Analog Devices AD831APZ Datasheet HTML 4Page - Analog Devices AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
AD831–Typical Performance Characteristics
AD831
–5–
65
64
60
63
62
61
10
1000
100
FREQUENCY (MHz)
TPC 4. Second Order Intercept vs. Frequency
90
70
0
50
30
20
10
80
60
40
10
1000
100
FREQUENCY (MHz)
TPC 5. LO-to-RF Isolation vs. Frequency
80
70
0
40
30
20
10
50
60
10
1000
100
3 x RF – IF
2 x RF – IF
RF – IF
3 x RF – IF
2 x RF – IF
RF – IF
FREQUENCY (MHz)
TPC 6. RF-to-IF Isolation vs. Frequency
��
��
�
��
����
���
��
��
��
�
���������������
TPC 1.Third Order Intercept vs. Frequency,
IF Held Constant at 10.7 MHz
80
70
0
60
50
20
10
40
30
10
1000
100
FREQUENCY (MHz)
TPC 2. IF-to-RF Isolation vs. Frequency
60
50
0
40
30
20
10
10
1000
100
LO
FREQUENCY (MHz)
3 x LO – IF
2 x LO – IF
TPC 3. LO-to-IF Isolation vs. Frequency
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com