Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD831APZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices AD831APZ Datasheet HTML 10Page - Analog Devices AD831APZ Datasheet HTML 11Page - Analog Devices AD831APZ Datasheet HTML 12Page - Analog Devices AD831APZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD831
–8–
AD831
–9–
For gains other than unity, the amplifier’s output at OUT is
connected via an attenuator network to VFB; this determines
the overall gain. Using resistors R1 and R2 (Figure 6), the gain
setting expression is
G
R
R
R
dB =
+
Ê
ËÁ
ˆ
¯˜
20
1
2
2
10
log
(2)
��
��
��
������
���
��
���
��
���
��
���
���
��
��
���
���
��
���
����
��
���
���
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
�����
��������
Figure 6. Output Amplifier Feedback Connections
for Increasing Gain
Driving Filters
The output amplifier can be used for driving reverse-terminated
loads. When driving an IF band-pass filter (BPF), for example,
proper attention must be paid to providing the optimal source
and load terminations so as to achieve the specified filter response.
The AD831’s wideband highly linear output amplifier affords an
opportunity to increase the RF to IF gain to compensate for a
filter’s insertion and termination losses.
Figure 7 indicates how the output amplifier’s low impedance
(voltage source) output can drive a doubly terminated band-pass
filter.The typical 10 dB of loss (4 dB of insertion loss and 6 dB
due to the reverse-termination) be made up by the inclusion of a
feedback network that increases the gain of the amplifier by
10 dB (3.162).When constructing a feedback circuit, the signal
path between OUT and VFB should be as short as possible.
��
��
��
������
���
��
���
��
���
��
���
���
��
��
���
���
��
���
����
��
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
��
���
��
�����
��������
���
���
�����
����
Figure 7. Connections for Driving a DoublyTerminated
Band-Pass Filter
Higher gains can be achieved, using different resistor ratios, but
with concomitant reduction in the bandwidth of this amplifier
(Figure 8). Note also that the Johnson noise of these gain setting
resistors, as well as that of the BPF terminating resistors, is ulti-
mately reflected back to the mixer’s input; thus they should be as
small as possible, consistent with the permissible loading on the
amplifier’s output.
FREQUENCY (MHz)
12
10
0
10
1000
100
8
6
4
2
G = 1
G = 2
G = 4
Figure 8. Output Amplifier 1 dB Compression
Point for Gains of 1, 2, and 4 (Gains of 0 dB, 6 dB,
and 12 dB, Respectively)
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com