Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD831APZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 1 Page - Analog Devices

  AD831APZ Datasheet HTML 1Page - Analog Devices AD831APZ Datasheet HTML 2Page - Analog Devices AD831APZ Datasheet HTML 3Page - Analog Devices AD831APZ Datasheet HTML 4Page - Analog Devices AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD831
Low Distortion Mixer
FUNCTIONAL BLOCK DIAGRAM
���
��
���
���
��
����
��
���
���
���
�����
��
�
��
�
��
�
��
��
��
�
�
�
�
�
��
��
��
��
��
�
�
�
��
��
FEATURES
Doubly Balanced Mixer
Low Distortion
+24 dBm Third Order Intercept (IP3)
+10 dBm 1 dB Compression Point
Low LO Drive Required: –10 dBm
Bandwidth
500 MHz RF and LO Input Bandwidths
250 MHz Differential Current IF Output
DC to >200 MHz Single-Ended Voltage IF Output
Single- or Dual-Supply Operation
DC Coupled Using Dual Supplies
All Ports May Be DC Coupled
No Lower Frequency Limit—Operation to DC
User-Programmable Power Consumption
APPLICATIONS
High Performance RF/IF Mixer
Direct to Baseband Conversion
Image-Reject Mixers
I/Q Modulators and Demodulators
PRODUCT DESCRIPTION
The AD831 is a low distortion, wide dynamic range, monolithic
mixer for use in such applications as RF to IF downconversion
in HF and VHF receivers, the second mixer in DMR base sta-
tions, direct-to-baseband conversion, quadrature modulation and
demodulation, and doppler shift detection in ultrasound imaging
applications. The mixer includes an LO driver and a low noise
output amplifier and provides both user-programmable power
consumption and third order intercept point.
The AD831 provides a +24 dBm third order intercept point for
–10 dBm LO power, thus improving system performance and
reducing system cost compared to passive mixers, by eliminating
the need for a high power LO driver and its attendant shielding
and isolation problems.
The RF, IF, and LO ports may be dc or ac coupled when the
mixer is operating from ±5 V supplies or ac coupled when oper-
ating from a single-supply of 9 V minimum.The mixer operates
with RF and LO inputs as high as 500 MHz.
The mixer’s IF output is available as either a differential current
output or a single-ended voltage output.The differential output is
from a pair of open collectors and may be ac coupled via a trans-
former or capacitor to provide a 250 MHz output bandwidth. In
downconversion applications, a single capacitor connected across
these outputs implements a low-pass filter to reduce harmonics
directly at the mixer core, simplifying output filtering.When
building a quadrature-amplitude modulator or image reject mixer,
the differential current outputs of two AD831s may be summed
by connecting them together.
An integral low noise amplifier provides a single-ended voltage
output and can drive such low impedance loads as filters, 50 
amplifier inputs, and A/D converters. Its small signal bandwidth
exceeds 200 MHz. A single resistor connected between pins
OUT and FB sets its gain.The amplifier’s low dc offset allows
its use in such direct-coupled applications as direct-to-baseband
conversion and quadrature-amplitude demodulation.
The mixer’s SSB noise figure is 10.3 dB at 70 MHz using its
output amplifier and optimum source impedance. Unlike passive
mixers, the AD831 has no insertion loss and does not require an
external diplexer or passive termination.
A programmable-bias feature allows the user to reduce power
consumption, with a reduction in the 1 dB compression point and
third-order intercept.This permits a tradeoff between dynamic
range and power consumption. For example, the AD831 may be
used as a second mixer in cellular and two-way radio base stations
at reduced power while still providing a substantial performance
improvement over passive solutions.
PRODUCT HIGHLIGHTS
1. –10 dBm LO Drive for a +24 dBm Output Referred Third
Order Intercept Point
2. Single-Ended Voltage Output
3. High Port-to-Port Isolation
4. No Insertion Loss
5. Single- or Dual-Supply Operation
6. 10.3 dB Noise Figure
REV. C


Similar Part No. - AD831APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831AP AD-AD831AP Datasheet
225Kb / 16P
Low Distortion Mixer
REV.B
More results

Similar Description - AD831APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
Low Distortion Mixer
REV.B
logo
Hitachi Semiconductor
HA22039 HITACHI-HA22039 Datasheet
47Kb / 12P
GaAs IC Low Distortion Mixer for Micro Wave Application
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
LOW INTERMODULATION DISTORTION
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
Low Crossover Distortion
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
Low distortion
logo
M/A-COM Technology Solu...
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
Low Distortion Performance
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
Low Distortion Performance
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
Low Distortion Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com