Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD831APZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD831APZ Datasheet HTML 4Page - Analog Devices AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices AD831APZ Datasheet HTML 10Page - Analog Devices AD831APZ Datasheet HTML 11Page - Analog Devices AD831APZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD831
–8–
AD831
–9–
Low-Pass Filtering
A simple low-pass filter may be added between the mixer and
the output amplifier by shunting the internal resistive loads
(an equivalent resistance of about 14  with a tolerance of 20%)
with external capacitors; these attenuate the sum component in
a downconversion application (Figure 4). The corner frequency
of this one-pole low-pass filter (f = (2  RCF)–1) should be placed
about an octave above the difference frequency IF. Thus, for a
70 MHz IF, a –3 dB frequency of 140 MHz might be chosen,
using CF = (2   14   140 MHz)–1  82 pF, the nearest
standard value.
���
��
���
��
���
��
���
���
��
��
���
���
��
���
����
��
���
���
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
��
��
���� �����������
�
�������
�
������
�����
��������
Figure 4. Low-Pass Filtering Using External Capacitors
Using the Output Amplifier
The AD831’s output amplifier converts the mixer core’s differential
current output into a single-ended voltage and provides an output
as high as ±1 V peak into a 50 V load (+10 dBm). For unity gain
operation (Figure 5), the inputs AN and AP connect to the open-
collector outputs of the mixer’s core and OUT connects to VFB.
��
������
���
��
���
��
���
��
���
���
��
��
���
���
��
���
����
��
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
�����
��������
���
���
Figure 5. Output Amplifier Connected for Unity
Gain Operation
The mixer has two open-collector outputs (differential currents) at
pins IFN and IFP.These currents may be used to provide nominal
unity RF to IF gain by connecting a center-tapped transformer
(1:1 turns ratio) to pins IFN and IFP as shown in Figure 2.
��
�
��
��������
���������
��
��������
���
���
��������
���
���
��
��
��
��
��
��
���
��
��������
���
���
���
���
��
����
��
��
�����
�
��
��
�
�
����
�������
���������
����
��������
��
���
��
���
��
���
��
���
�����
����������
�����
Figure 2. Connections forTransformer Coupling to
the IF Output
Programming the Bias Current
Because the AD831’s RF port is a Class-A circuit, the maximum
RF input is proportional to the bias current.This bias current
may be reduced by connecting a resistor from the BIAS pin to the
positive supply (Figure 3). For normal operation, the BIAS pin is
left unconnected. For lowest power consumption, the BIAS pin is
connected directly to the positive supply.The range of adjustment
is 100 mA for normal operation to 45 mA total current at minimum
power consumption.
������
�����
����
����������
��������
���
��
���
��
���
��
���
���
��
��
���
���
��
���
����
��
�����
��������
���
��
Ω
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
Figure 3. Programming the Quiescent Current
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com