Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD831APZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD831APZ Datasheet HTML 2Page - Analog Devices AD831APZ Datasheet HTML 3Page - Analog Devices AD831APZ Datasheet HTML 4Page - Analog Devices AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices AD831APZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD831
–6–
AD831
–7–
��
��
��
�
���
��
���
���
���
���
��� ���
���
���
��
�����������������
������������
����������
���������
�
���������������
�
�������
TPC 13. InputThird Order Intercept, 9 V Single Supply
����
����
����
�
���
��
��� ��� ��� ���
��� ��� ��� ���
����
����
����
����
����
����
����
����
����
�
�
���������������
�����������������
������������
����������
�
�������
�
�������
TPC 14. Input Second Order Intercept, 9 V Single Supply
1200
1000
0
50
250
100
150
200
800
600
400
200
4.0
3.5
3.0
2.5
2.0
INPUT RESISTANCE
INPUT CAPACITANCE
FREQUENCY (MHz)
TPC 15. Input Impedance vs. Frequency, ZIN = R C
FREQUENCY (MHz)
18
16
8
50
250
100
150
200
15
13
11
9
17
14
12
10
TPC 16. Noise Figure vs. Frequency,
Matched Input
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com