Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 11 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 11 Page - ams AG

Back Button AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
11 - 32
AS5013
Datasheet - Detailed Descr i p ti on
7.5.2 I²C Electrical Specification
Standard-mode, Fast-mode, High Speed-mode
Notes:
1. Maximum VIH = VDDpmax +0.5V or 5.5V, which ever is lower.
2. Input filters on the SDA and SCL inputs suppress noise spikes of less than 50ns in Fast-mode and 10ns in HS-mode.
3. I/O pins of Fast-mode and Fast-mode plus devices must not obstruct the SDA and SCL lines if VDDp is switched off.
7.5.3 I²C Timing
Symbol
Parameter
Condition
Min
Max
Unit
VIL
LOW-level input voltage
-0.5
0.3VDDp
V
VIH
HIGH-level input voltage
0.7VDDp
VDDp + 0.5
(see note 1)
V
Vhys
Hysteresis of Schmitt Trigger inputs
VDDp < 2V
0.1VDDp
V
VOL
LOW-level output voltage (open-drain or
open-collector) at 3mA sink current
VDDp < 2V
-
0.2VDDp
V
IOL
LOW-level output current
VOL = 0.4V
-
-
mA
ICS
Pull-up current of SCLH current source
SCLH output levels between
0.3VDDp and 0.7VDDp
312
mA
tSP
Pulse width of spikes that must be
suppressed by the input filter
In HS-mode
-
10
(see note 2)
ns
In Fast-mode
50
(see note 2)
ns
Ii
Input current at each I/O Pin
Input voltage
between 0.1VDDp and 0.9VDDp
10
(see note 3)
µA
CB
Total capacitive load for each bus line
-
400
pF
CI/O
I/O capacitance (SDA, SCL)
-10
pF
Symbol
Parameter
Condition
Fast-mode
HS-mode CB=100pF
HS-mode
CB=400pF
1
Unit
Min
Max
Min
Max
Min
Max
fSCLK
SCL clock Frequency
-
400
-
3400
-
1700
kHz
tBUF
Bus Free Time; time
between STOP and
START Condition
500
-
500
-
500
-
ns
tHD;STA
Hold Time; (Repeated)
START Condition
2
600
-
160
-
160
-
ns
tLOW
LOW Period of SCL Clock
1300
-
160
-
320
-
ns
tHIGH
HIGH Period of SCL Clock
600
-
60
-
120
-
ns
tSU;STA
Setup Time for a
Repeated START
condition
600
-
160
-
160
-
ns
tHD;DAT
Data Hold Time
3
0
900
0
70
0
150
ns
tSU;DAT
Data Setup Time
4
100
-
10
-
10
-
ns
trCL
Rise time of SCLH signal
External pull-up
source of 3mA
-
-
10
40
20
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com