Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 14 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 14 Page - ams AG

Back Button AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
14 - 32
AS5013
Datasheet - Detailed Descr i p ti on
Figure 11. Data Write - Slave Receiver Mode

Slave Transmitter Mode (Read Mode): The first byte is received and handled as in the slave receiver mode. However, in this mode, the
direction bit indicates that the transfer direction is reversed. Serial data is transmitted on SDA by the AS5013 while the serial clock is input
on SCL. START and STOP conditions are recognized as the beginning and end of a serial transfer. The slave address byte is the first byte
received after the master generates a START condition. The slave address byte contains the 7-bit AS5013 address. The default address is
80h. The 7-bit slave address is followed by the direction bit (R/W), which, for a read, is 1. After receiving and decoding the slave address
byte the device outputs an acknowledge on the SDA line. The AS5013 then begins to transmit data starting with the register address
pointed to by the register pointer. If the register pointer is not written to before the initiation of a read mode the first address that is read is the
last one stored in the register pointer. The AS5013 must receive a “not acknowledge” to end a read.
Figure 12. Data Read (from Current Pointer Location) - Slave Transmitter Mode
Figure 13. Data Read (from New Pointer Location) - Slave Transmitter Mode
S
1000000
0
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
P – Stop
P
<Slave address>
<Word address (n)>
<Data(n)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+1)>
S
1000000
1
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+2)>
S
1000000
0 A
XXXXXXXX
A
1000000
1
XXXXXXXX
A
S – Start
SA – Repeated Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Word Address (n)>
<Slave Address>
<Data(n+1)>
XXXXXXXX
A
<Data(n)>
Sr
A
XXXXXXXX
NA
<Data(n+X)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com