Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 20 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 20 Page - ams AG

Back Button AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
20 - 32
AS5013
Datasheet - I² C Registers
8.6 Yp Register (14h)
8.7 Yn Register (15h)
8.8 M_ctrl Register (2Bh)
8.9 J_ctrl Register (2Ch)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Yp[7]
Yp[6]
Yp[5]
Yp[4]
Yp[3]
Yp[2]
Yp[1]
Yp[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0101 (5d)
Bit
Bit Description
7:0
Yp range value, Two’s complement (signed: -128 ~ +127).
Determines the TOP threshold for the activation of INTn output (if output enabled), when bit INT_function = 1
(see Control Register 1 (0Fh) on page 17).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Yn[7]
Yn[6]
Yn[5]
Yn[4]
Yn[3]
Yn[2]
Yn[1]
Yn[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 1111 1011 (-5d)
Bit
Bit Description
7:0
Yn range value, Two’s complement (signed: -128 ~ +127).
Determines the BOTTOM threshold for the activation of INTn output (if output enabled), when bit INT_function = 1
(see Control Register 1 (0Fh) on page 17).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
M_ctrl[7]
M_ctrl[6]
M_ctrl[5]
M_ctrl[4]
M_ctrl[3]
M_ctrl[2]
M_ctrl[1]
M_ctrl[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0000 (00h)
Bit
Bit Description
7:0
Middle hall element C5 control register to improve the linearity of XY outputs for the whole mechanical XY displacement
of the magnet. Use the default value for d=2*0.8mm standard axial magnet.
For more information on how to configure this parameter, please contact ams.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
J_ctrl[7]
J_ctrl[6]
J_ctrl[5]
J_ctrl[4]
J_ctrl[3]
J_ctrl[2]
J_ctrl[1]
J_ctrl[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0110 (06h)
Bit
Bit Description
7:0
Sector dependent attenuation of the outer Hall elements C1..C4 in order to improve the linearity of XY outputs for the
whole mechanical XY displacement of the magnet. Use the default value for d=2*0.8mm standard axial magnet.
For more information on how to configure this parameter, please contact ams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com