Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 23 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 23 Page - ams AG

Back Button AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
23 - 32
AS5013
Datasheet - I²C Registers
8.13 Hall Element Direct Read Registers (2Ah)
The AGC register controls the sensitivity of each hall element C1..C5, in order to stay in the larger dynamic range of the 12-bit ADC of the
AS5013. In order to determine the best value to be set during the AS5013 initialization, place your magnet on the 0,0 position (centered on C5
hall element), and increase the AGC value to obtain the nearest value to 2867 (= 70% of 4096).
It is possible that this value cannot be reached with small magnets or with large airgaps. In that case set AGC to 3Fh, which is the maximum
sensitivity.
8.14 Power ON
The AS5013 has a Power ON Reset (POR) cell to monitor the VDD voltage at startup and reset all the internal registers.
After the internal reset is completed, the POR cell is disabled in order to save current during normal operation.
If VDD drops below 2.7V down to 0.2V, the POR cell will not be enabled back, and the registers will not be correctly reseted or can get random
values.
Note:
It is highly recommended to control the external RESETn signal by applying a LOW pulse of >100ns once VDD reached 2.7V and
VDDp reached 1.7V.
Figure 18. Power-up Sequence
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
AGC5
AGC4
AGC3
AGC2
AGC1
AGC0
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0010 0000
External RESETn pin, and without Power on Reset (POR)
0V
2.7V
0
VDDp
(>1.7V)
VDD
RESETn
>100ns
>1000us
Power on Reset (POR) only
0V
0.2V
VDD
>1000us
Power up phase
VDD @ t=0 between
0V and 0.2V
2.7V
Power up phase
VDD @ t=0 between 0V
and 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com