Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5013 Datasheet(PDF) 25 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 25 Page - ams AG

Back Button AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
25 - 32
AS5013
Datasheet - I²C Registers
X/Y Coordinate Registers
x
8
R
10h
two’s comp.
00h
<7:0> Result
y_res_int
8
R
11h
two’s comp.
00h
<7:0> Result, resets the interrupt flag at the value ACK
Range Settings
xp
8
R/W
12h
two’s comp.
5h
(5 dec) <7:0>
wake up threshold @ positive X -direction
xn
8
R/W
13h
two’s comp.
FBh
(-5 dec) <7:0>
wake up threshold @ negative X -direction
yp
8
R/W
14h
two’s comp.
5h
(5 dec) <7:0>
wake up threshold @ positive Y -direction
yn
8
R/W
15h
two’s comp.
FBh
(-5 dec) <7:0>
wake up threshold @ negative Y -direction
Channel voltages (3)
c4_neg <11:8>
4
R
16h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 4, negative current spinning
Sign extended to 8 bit
c4_neg <7:0>
8
R
17h
two’s comp.
00h
<7:0> Voltage @ channel 4, negative current spinning
c4_pos <11:8>
4
R
18h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 4, positive current spinning
Sign extended to 8 bit
c4_pos <7:0>
8
R
19h
two’s comp.
00h
<7:0> Voltage @ channel 4, positive current spinning
c3_neg <11:8>
4
R
1Ah
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 3, negative current spinning
Sign extended to 8 bit
c3_neg <7:0>
8
R
1Bh
two’s comp.
00h
<7:0> Voltage @ channel 3, negative current spinning
c3_pos <11:8>
4
R
1Ch
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 3, positive current spinning
Sign extended to 8 bit
c3_pos <7:0>
8
R
1Dh
two’s comp.
00h
<7:0> Voltage @ channel 3, positive current spinning
c2_neg <11:8>
4
R
1Eh
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 2, negative current spinning
Sign extended to 8 bit
c2_neg <7:0>
8
R
1Fh
two’s comp.
00h
<7:0> Voltage @ channel 2, negative current spinning
c2_pos <11:8>
4
R
20h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 2, positive current spinning
Sign extended to 8 bit
c2_pos <7:0>
8
R
21h
two’s comp.
00h
<7:0> Voltage @ channel 2, positive current spinning
c1_neg <11:8>
4
R
22h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 1, negative current spinning
Sign extended to 8 bit
c1_neg <7:0>
8
R
23h
two’s comp.
00h
<7:0> Voltage @ channel 1, negative current spinning
c1_pos <11:8>
4
R
24h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 1, positive current spinning
Sign extended to 8 bit
c1_pos <7:0>
8
R
25h
two’s comp.
00h
<7:0> Voltage @ channel 1, positive current spinning
c5_neg <11:8>
4
R
26h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 5, negative current spinning
Sign extended to 8 bit
c5_neg <7:0>
8
R
27h
two’s comp.
00h
<7:0> Voltage @ channel 5, negative current spinning
c5_pos <11:8>
4
R
28h
two’s comp.
00h
<3:0>
<7:4>
Voltage @ channel 5, positive current spinning
Sign extended to 8 bit
c5_pos <7:0>
8
R
29h
two’s comp.
00h
<7:0> Voltage @ channel 5, positive current spinning
Table 6. Registers
Register
Number
of bits Access Address
Format
Reset
Value
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com