Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4451 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP4451
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4451 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP4451 Datasheet HTML 38Page - Microchip Technology MCP4451 Datasheet HTML 39Page - Microchip Technology MCP4451 Datasheet HTML 40Page - Microchip Technology MCP4451 Datasheet HTML 41Page - Microchip Technology MCP4451 Datasheet HTML 42Page - Microchip Technology MCP4451 Datasheet HTML 43Page - Microchip Technology MCP4451 Datasheet HTML 44Page - Microchip Technology MCP4451 Datasheet HTML 45Page - Microchip Technology MCP4451 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
MCP444X/446X
DS22265A-page 42
© 2010 Microchip Technology Inc.
4.2
Memory Map
The device memory has 16 locations that are 9-bit wide
(16x9 bits). This memory space contains both volatile
and nonvolatile locations (see Table 4-1).
TABLE 4-1:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Function
Memory
Type
Allowed Commands
Disallowed Commands (2)
Factory
Initialization
00h
Volatile Wiper 0
RAM
Read, Write,
Increment, Decrement
—
—
01h
Volatile Wiper 1
RAM
Read, Write,
Increment, Decrement
—
—
02h
Nonvolatile Wiper 0
EEPROM
Read, Write (1)
Increment, Decrement
8-bit
80h
7-bit
40h
03h
Nonvolatile Wiper 1
EEPROM
Read, Write (1)
Increment, Decrement
8-bit
80h
7-bit
40h
04h
Volatile
TCON0 Register
RAM
Read, Write
Increment, Decrement
—
05h
Status Register
RAM
Read
Write, Increment, Decrement
—
06h
Volatile Wiper 2
RAM
Read, Write,
Increment, Decrement
—
—
07h
Volatile Wiper 3
RAM
Read, Write,
Increment, Decrement
—
—
08h
Nonvolatile Wiper 2
EEPROM
Read, Write (1)
Increment, Decrement
8-bit
80h
7-bit
40h
09h
Nonvolatile Wiper 3
EEPROM
Read, Write (1)
Increment, Decrement
8-bit
80h
7-bit
40h
0Ah
Volatile
TCON1 Register
RAM
Read, Write
Increment, Decrement
—
0Bh
Data EEPROM
EEPROM
Read, Write (1)
Increment, Decrement
000h
0Ch
Data EEPROM
EEPROM
Read, Write (1)
Increment, Decrement
000h
0Dh
Data EEPROM
EEPROM
Read, Write (1)
Increment, Decrement
000h
0Eh
Data EEPROM
EEPROM
Read, Write (1)
Increment, Decrement
000h
0Fh
Data EEPROM
EEPROM
Read, Write (1)
Increment, Decrement
000h
Note 1:
When an EEPROM write is active, these are invalid commands and will generate an error condition. The
user should use a read of the Status register to determine when the write cycle has completed. To exit the
error condition, the user must take the HVC pin to the VIH level and then back to the active state (VIL or
VIHH).
2:
This command on this address will generate an error condition. To exit the error condition, the user must
take the HVC pin to the VIH level and then back to the active state (VIL or VIHH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com