Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4451 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP4451
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4451 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP4451 Datasheet HTML 59Page - Microchip Technology MCP4451 Datasheet HTML 60Page - Microchip Technology MCP4451 Datasheet HTML 61Page - Microchip Technology MCP4451 Datasheet HTML 62Page - Microchip Technology MCP4451 Datasheet HTML 63Page - Microchip Technology MCP4451 Datasheet HTML 64Page - Microchip Technology MCP4451 Datasheet HTML 65Page - Microchip Technology MCP4451 Datasheet HTML 66Page - Microchip Technology MCP4451 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
© 2010 Microchip Technology Inc.
DS22265A-page 63
MCP444X/446X
7.2
Data Byte
Only the Read Command and the Write Command
have Data Byte(s).
The Write command concatenates the 8 bits of the
Data Byte with the one data bit (D8) contained in the
Command Byte to form 9 bits of data (D8:D0). The
Command Byte format supports up to 9 bits of data so
that the 8-bit resistor network can be set to Full-Scale
(100h or greater). This allows wiper connections to
Terminal A and to Terminal B. The D9 bit is currently
unused.
7.3
Error Condition
If the four address bits received (AD3:AD0) and the two
command
bits
received
(C1:C0)
are
a
valid
combination, the MCP44XX will Acknowledge the I2C
bus.
If the address bits and command bits are an invalid
combination, then the MCP44XX will Not Acknowledge
the I2C bus.
Once an error condition has occurred, any following
commands are ignored until the I2C bus is reset with a
Start Condition.
7.3.1
ABORTING A TRANSMISSION
A Restart or Stop condition in the expected data bit
position will abort the current command sequence and
data will not be written to the MCP44XX.
TABLE 7-3:
COMMANDS
Command Name
Writes
Value in
EEPROM
Operates on Volatile/
Nonvolatile memory
High
Voltage
(VIHH) on
HVC pin?
Impact on
WiperLock or
Write Protect
Works
when
Wiper is
“locked”?
Write Data
Yes (1)
Both
—
unlocked (1)
No
Read Data
—
Both
—
unlocked (1)
No
Increment Wiper
—
Volatile Only
—
unlocked (1)
No
Decrement Wiper
—
Volatile Only
—
unlocked (1)
No
High Voltage Write Data
Yes
Both
Yes
unchanged
No
High Voltage Read Data
—
Both
Yes
unchanged
Yes
High Voltage Increment Wiper
—
Volatile Only
Yes
unchanged
No
High Voltage Decrement Wiper
—
Volatile Only
Yes
unchanged
No
Modify Write Protect or WiperLock
Technology (High Voltage)
- Enable
— (2)
Nonvolatile Only (2)
Yes
locked/
protected (2)
Yes
Modify Write Protect or WiperLock
Technology (High Voltage)
- Disable
— (3)
Nonvolatile Only (3)
Yes
unlocked/
unprotected (3)
Yes
Note 1:
This command will only complete, if wiper is “unlocked” (WiperLock Technology is Disabled).
2:
If the command is executed using address 02h, 03h 08h, or 09h; that corresponding wiper is locked or
if with address 0Fh, then Write Protect is enabled.
3:
If the command is executed using with address 02h, 03h 08h, or 09h; that corresponding wiper is unlocked
or if with address 0Fh, then Write Protect is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com