| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 100 page ![]() © 2010 Microchip Technology Inc. DS22265A-page 15 MCP444X/446X 102A (5) TRSCL SCL rise time 100 kHz mode — 1000 ns Cb is specified to be from 10 to 400 pF (100 pF maxi- mum for 3.4 MHz mode) 400 kHz mode 20 + 0.1Cb 300 ns 1.7 MHz mode 20 80 ns 1.7 MHz mode 20 160 ns After a Repeated Start con- dition or an Acknowledge bit 3.4 MHz mode 10 40 ns 3.4 MHz mode 10 80 ns After a Repeated Start condition or an Acknowl- edge bit 102B (5) TRSDA SDA rise time 100 kHz mode — 1000 ns Cb is specified to be from 10 to 400 pF (100 pF max for 3.4 MHz mode) 400 kHz mode 20 + 0.1Cb 300 ns 1.7 MHz mode 20 160 ns 3.4 MHz mode 10 80 ns 103A (5) TFSCL SCL fall time 100 kHz mode — 300 ns Cb is specified to be from 10 to 400 pF (100 pF max for 3.4 MHz mode) 400 kHz mode 20 + 0.1Cb 300 ns 1.7 MHz mode 20 80 ns 3.4 MHz mode 10 40 ns 103B (5) TFSDA SDA fall time 100 kHz mode — 300 ns Cb is specified to be from 10 to 400 pF (100 pF max for 3.4 MHz mode) 400 kHz mode 20 + 0.1Cb (4) 300 ns 1.7 MHz mode 20 160 ns 3.4 MHz mode 10 80 ns 106 THD:DAT Data input hold time 100 kHz mode 0 — ns 1.8V-5.5V, Note 6 400 kHz mode 0 — ns 2.7V-5.5V, Note 6 1.7 MHz mode 0 — ns 4.5V-5.5V, Note 6 3.4 MHz mode 0 — ns 4.5V-5.5V, Note 6 TABLE 1-3: I2C BUS DATA REQUIREMENTS (SLAVE MODE) (CONTINUED) I2C AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40 °C ≤ TA ≤ +125°C (Extended) Operating Voltage VDD range is described in AC/DC characteristics Param. No. Sym Characteristic Min Max Units Conditions Note 1: As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions. 2: A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz) I2C-bus system, but the requirement tSU;DAT ≥ 250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line TR max.+tSU;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I2C bus specification) before the SCL line is released. 3: The MCP44X1/MCP44X2 device must provide a data hold time to bridge the undefined part between VIH and VIL of the falling edge of the SCL signal. This specification is not a part of the I2C specification, but must be tested in order to ensure that the output data will meet the setup and hold specifications for the receiving device. 4: Use Cb in pF for the calculations. 5: Not Tested. 6: A Master Transmitter must provide a delay to ensure that difference between SDA and SCL fall times do not unintentionally create a Start or Stop condition. 7: Ensured by the TAA 3.4 MHz specification test. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |