Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4451 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP4451
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4451 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP4451 Datasheet HTML 57Page - Microchip Technology MCP4451 Datasheet HTML 58Page - Microchip Technology MCP4451 Datasheet HTML 59Page - Microchip Technology MCP4451 Datasheet HTML 60Page - Microchip Technology MCP4451 Datasheet HTML 61Page - Microchip Technology MCP4451 Datasheet HTML 62Page - Microchip Technology MCP4451 Datasheet HTML 63Page - Microchip Technology MCP4451 Datasheet HTML 64Page - Microchip Technology MCP4451 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
© 2010 Microchip Technology Inc.
DS22265A-page 61
MCP444X/446X
7.0
DEVICE COMMANDS
The MCP44XX’s I2C command formats are specified in
this section. The I2C protocol does not specify how
commands are formatted.
The MCP44XX supports four basic commands. The
location accessed determines the commands that are
supported.
For the Volatile Wiper Registers, these commands are:
• Write Data
• Read Data
•Increment Data
•Decrement Data
For the Nonvolatile wiper EEPROM, general purpose
data EEPROM, and the TCON Register, these
commands are:
• Write Data
• Read Data
These commands have formats for both a single
command or continuous commands. These commands
are shown in Table 7-1.
Each command has two operational states. The
operational state determines if the device commands
control the special features (Write Protect and
WiperLock Technology). These operational states are
referred to as:
• Normal Serial Commands
• High-Voltage Serial Commands
TABLE 7-1:
I2C COMMANDS
Normal serial commands are those where the HVC pin
is driven to VIH or VIL. With High-Voltage Serial
Commands, the HVC pin is driven to VIHH. In each
mode, there are four possible commands.
Additionally, there are two commands used to enable
or disable the special features (Write Protect and Wiper
Lock Technology) of the device. The commands are
special cases of the Increment and Decrement
High-Voltage Serial Command.
Table 7-2 shows the supported commands for each
memory location.
Table 7-3 shows an overview of all the device
commands and their interaction with other device
features.
7.1
Command Byte
The MCP44XX’s Command Byte has three fields: the
Address, the Command Operation, and 2 Data bits
(see Figure 7-1). Currently only one of the data bits is
defined (D8).
The device memory is accessed when the Master
sends a proper Command Byte to select the desired
operation. The memory location getting accessed is
contained in the Command Byte’s AD3:AD0 bits. The
action desired is contained in the Command Byte’s
C1:C0 bits, see Figure 7-1. C1:C0 determines if the
desired memory location will be read, written,
Incremented (wiper setting +1) or Decremented (wiper
setting -1). The Increment and Decrement commands
are only valid on the volatile wiper registers, and in
High Voltage commands to enable/disable WiperLock
Technology and Software Write Protect.
If the Address bits and Command bits are not a valid
combination, then the MCP44XX will generate a Not
Acknowledge pulse to indicate the invalid combination.
The I2C Master device must then force a Start
Condition to reset the MCP44XX’s I2C module.
D9 and D8 are the most significant bits for the digital
potentiometer’s wiper setting. The 8-bit devices utilize
D8 as their MSb while the 7-bit devices utilize D7 (from
the data byte) as their MSb.
FIGURE 7-1:
Command Byte Format.
Command
# of Bit
Clocks (1)
Operates on
Volatile/
Nonvolatile
memory
Operation
Mode
Write Data
Single
29
Both
Continuous
18n + 11 Volatile Only
Read Data
Single
29
Both
Random
48
Both
Continuous
18n + 11 Both (2)
Increment
(3)
Single
20
Volatile Only
Continuous
9n + 11
Volatile Only
Decrement
(3)
Single
20
Volatile Only
Continuous
9n + 11
Volatile Only
Note 1:
“n” indicates the number of times the
command operation is to be repeated.
2:
This command is useful to determine if a
nonvolatile memory write cycle has
completed.
3:
High Voltage Increment and Decrement
commands on select nonvolatile memory
locations enable/disable WiperLock
Technology and the software Write
Protect feature.
AA
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
D
9
D
8
A
MCP4XXX
COMMAND BYTE
00
= Write Data
01
= Increment
MSbits (Data)
10
= Decrement
11
= Read Data
Command Operation bits
Memory Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com