| Electronic Components Datasheet Search |
|
MCP4451 Datasheet(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4451 Datasheet(HTML) 57 Page - Microchip Technology |
|
57 / 100 page ![]() © 2010 Microchip Technology Inc. DS22265A-page 57 MCP444X/446X 6.2.6 HS MODE The I2C specification requires that a high-speed mode device must be ‘activated’ to operate in high-speed (3.4 Mbit/s) mode. This is done by the Master sending a special address byte following the START bit. This byte is referred to as the high-speed Master Mode Code (HSMMC). The MCP44XX device does not acknowledge this byte. However, upon receiving this command, the device switches to HS mode. The device can now communicate at up to 3.4 Mbit/s on SDA and SCL lines. The device will switch out of the HS mode on the next STOP condition. The master code is sent as follows: 1. START condition (S) 2. High-Speed Master Mode Code (0000 1XXX), The XXX bits are unique to the high-speed (HS) mode Master. 3. No Acknowledge (A) After switching to the High-Speed mode, the next transferred byte is the I2C control byte, which specifies the device to communicate with, and any number of data bytes plus acknowledgements. The Master Device can then either issue a Repeated Start bit to address a different device (at High-Speed) or a Stop bit to return to Fast/Standard bus speed. After the Stop bit, any other Master Device (in a Multi-Master system) can arbitrate for the I2C bus. See Figure 6-10 for illustration of HS mode command sequence. For more information on the HS mode, or other I2C modes, please refer to the Phillips I2C specification. 6.2.6.1 Slope Control The slope control on the SDA output is different between the Fast/Standard Speed and the High-Speed clock modes of the interface. 6.2.6.2 Pulse Gobbler The pulse gobbler on the SCL pin is automatically adjusted to suppress spikes < 10 ns during HS mode. FIGURE 6-10: HS Mode Sequence. S A ‘0 0 0 0 1 X X X’b Sr A ‘Slave Address’ A/A “Data” P S = Start bit Sr = Repeated Start bit A = Acknowledge bit A = Not Acknowledge bit R/W = Read/Write bit R/W P = Stop bit (Stop condition terminates HS Mode) F/S-mode HS-mode HS-mode continues F/S-mode Sr A ‘Slave Address’ R/W HS Select Byte Control Byte Command/Data Byte(s) Control Byte |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |