Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4452 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP4452
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4452 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP4452 Datasheet HTML 40Page - Microchip Technology MCP4452 Datasheet HTML 41Page - Microchip Technology MCP4452 Datasheet HTML 42Page - Microchip Technology MCP4452 Datasheet HTML 43Page - Microchip Technology MCP4452 Datasheet HTML 44Page - Microchip Technology MCP4452 Datasheet HTML 45Page - Microchip Technology MCP4452 Datasheet HTML 46Page - Microchip Technology MCP4452 Datasheet HTML 47Page - Microchip Technology MCP4452 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
MCP444X/446X
DS22265A-page 44
© 2010 Microchip Technology Inc.
4.2.2.1
Status (STATUS) Register
This register contains 7 status bits. These bits show the
state of the WiperLock bits, the Write Protect bit, and if
an EEPROM write cycle is active. The STATUS register
can be accessed via the READ commands. Register 4-
1 describes each STATUS register bit.
The STATUS register is placed at Address 05h.
REGISTER 4-1:
STATUS REGISTER
R-1
R-1
R-1
R-1
R-0
R-x
R-x
R-1
R-x
D8:D7
WL3 (1)
WL2 (1)
EEWA
WL1 (1)
WL0 (1)
—WP (1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 8-7
D8:D7:
Reserved. Forced to “1”
bit 6
WL3:
WiperLock Status bit for Resistor Network 3 (Refer to Section 5.3 “WiperLock Technology” for
further information)
The WiperLock Technology bit (WL3) prevents the Volatile and Nonvolatile Wiper 3 addresses and the
TCON1 register bits R3HW, R3A, R3W, and R3B from being written to. High Voltage commands are
required to enable and disable WiperLock Technology.
1
= Wiper and TCON1 register bits R3HW, R3A, R3W, and R3B of Resistor Network 3 (Pot 3) are
“Locked” (Write Protected)
0
= Wiper and TCON1 of Resistor Network 3 (Pot 3) can be modified
Note:
The WL3 bit always reflects the result of the last programming cycle to the nonvolatile WL3
bit. After a POR/BOR or RESET pin event, the WL3 bit is loaded with the nonvolatile WL3 bit
value.
bit 5
WL2:
WiperLock Status bit for Resistor Network 2 (Refer to Section 5.3 “WiperLock Technology” for
further information)
The WiperLock Technology bit (WL2) prevents the Volatile and Nonvolatile Wiper 2 addresses and the
TCON1 register bits R2HW, R2A, R2W, and R2B from being written to. High Voltage commands are
required to enable and disable WiperLock Technology.
1
= Wiper and TCON1 register bits R2HW, R2A, R2W, and R2B of Resistor Network 2 (Pot 2) are
“Locked” (Write Protected)
0
= Wiper and TCON1 of Resistor Network 2 (Pot 2) can be modified
Note:
The WL0 bit always reflects the result of the last programming cycle to the nonvolatile WL0
bit. After a POR/BOR or RESET pin event, the WL0 bit is loaded with the nonvolatile WL0 bit
value.
bit 4
EEWA:
EEPROM Write Active Status bit
This bit indicates if the EEPROM Write Cycle is occurring.
1
= An EEPROM Write cycle is currently occurring. Only serial commands to the Volatile memory
locations are allowed (addresses 00h, 01h, 04h, and 05h)
0
= An EEPROM Write cycle is NOT currently occurring
Note 1:
Requires a High Voltage command to modify the state of this bit (for Nonvolatile devices only). This bit is
not directly written, but reflects the system state (for this feature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com