Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4452 Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP4452
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4452 Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP4452 Datasheet HTML 54Page - Microchip Technology MCP4452 Datasheet HTML 55Page - Microchip Technology MCP4452 Datasheet HTML 56Page - Microchip Technology MCP4452 Datasheet HTML 57Page - Microchip Technology MCP4452 Datasheet HTML 58Page - Microchip Technology MCP4452 Datasheet HTML 59Page - Microchip Technology MCP4452 Datasheet HTML 60Page - Microchip Technology MCP4452 Datasheet HTML 61Page - Microchip Technology MCP4452 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
MCP444X/446X
DS22265A-page 58
© 2010 Microchip Technology Inc.
6.2.7
GENERAL CALL
The General Call is a method that the “Master” device
can communicate with all other “Slave” devices. In a
Multi-Master application, the other Master devices are
operating in Slave mode. The General Call address
has two documented formats. These are shown in
Figure 6-11. We have added a MCP44XX format in this
figure as well.
This will allow customers to have multiple I2C Digital
Potentiometers on the bus and have them operate in a
synchronous fashion (analogous to the DAC Sync pin
functionality). If these MCP44XX 7-bit commands
conflict with other I2C devices on the bus, then the
customer will need two I2C busses and ensure that the
devices are on the correct bus for their desired
application functionality.
Dual Pot devices can not update both Pot0 and Pot1
from a single command. To address this, there are
General Call commands for the Wiper 0, Wiper 1, and
the TCON registers.
Table 6-3 shows the General Call Commands. Three
commands are specified by the I2C specification and
are not applicable to the MCP44XX (so command is
Not Acknowledged) The MCP44XX General Call
Commands are Acknowledge. Any other command is
Not Acknowledged.
TABLE 6-3:
GENERAL CALL COMMANDS
Note:
Only one General Call command per issue
of the General Call control byte. Any
additional General Call commands are
ignored and Not Acknowledged.
7-bit
Command
(1, 2, 3)
Comment
‘1000 00d’b Write Next Byte (Third Byte) to Volatile
Wiper 0 Register
‘1001 00d’b Write Next Byte (Third Byte) to Volatile
Wiper 1 Register
‘1100 00d’b Write Next Byte (Third Byte) to TCON
Register
‘1000 010’b
or
‘1000 011’b
Increment Wiper 0 Register
‘1001 010’b
or
‘1001 011’b
Increment Wiper 1 Register
‘1000 100’b
or
‘1000 101’b
Decrement Wiper 0 Register
‘1001 100’b
or
‘1001 101’b
Decrement Wiper 1 Register
Note 1:
Any other code is Not Acknowledged.
These codes may be used by other
devices on the I2C bus.
2:
The 7-bit command always appends a “0”
to form 8-bits.
3:
“d” is the D8 bit for the 9-bit write value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com