| Electronic Components Datasheet Search |
|
MCP4452 Datasheet(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4452 Datasheet(HTML) 63 Page - Microchip Technology |
|
63 / 100 page ![]() © 2010 Microchip Technology Inc. DS22265A-page 63 MCP444X/446X 7.2 Data Byte Only the Read Command and the Write Command have Data Byte(s). The Write command concatenates the 8 bits of the Data Byte with the one data bit (D8) contained in the Command Byte to form 9 bits of data (D8:D0). The Command Byte format supports up to 9 bits of data so that the 8-bit resistor network can be set to Full-Scale (100h or greater). This allows wiper connections to Terminal A and to Terminal B. The D9 bit is currently unused. 7.3 Error Condition If the four address bits received (AD3:AD0) and the two command bits received (C1:C0) are a valid combination, the MCP44XX will Acknowledge the I2C bus. If the address bits and command bits are an invalid combination, then the MCP44XX will Not Acknowledge the I2C bus. Once an error condition has occurred, any following commands are ignored until the I2C bus is reset with a Start Condition. 7.3.1 ABORTING A TRANSMISSION A Restart or Stop condition in the expected data bit position will abort the current command sequence and data will not be written to the MCP44XX. TABLE 7-3: COMMANDS Command Name Writes Value in EEPROM Operates on Volatile/ Nonvolatile memory High Voltage (VIHH) on HVC pin? Impact on WiperLock or Write Protect Works when Wiper is “locked”? Write Data Yes (1) Both — unlocked (1) No Read Data — Both — unlocked (1) No Increment Wiper — Volatile Only — unlocked (1) No Decrement Wiper — Volatile Only — unlocked (1) No High Voltage Write Data Yes Both Yes unchanged No High Voltage Read Data — Both Yes unchanged Yes High Voltage Increment Wiper — Volatile Only Yes unchanged No High Voltage Decrement Wiper — Volatile Only Yes unchanged No Modify Write Protect or WiperLock Technology (High Voltage) - Enable — (2) Nonvolatile Only (2) Yes locked/ protected (2) Yes Modify Write Protect or WiperLock Technology (High Voltage) - Disable — (3) Nonvolatile Only (3) Yes unlocked/ unprotected (3) Yes Note 1: This command will only complete, if wiper is “unlocked” (WiperLock Technology is Disabled). 2: If the command is executed using address 02h, 03h 08h, or 09h; that corresponding wiper is locked or if with address 0Fh, then Write Protect is enabled. 3: If the command is executed using with address 02h, 03h 08h, or 09h; that corresponding wiper is unlocked or if with address 0Fh, then Write Protect is disabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |