Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4452 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4452
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4452 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4452 Datasheet HTML 5Page - Microchip Technology MCP4452 Datasheet HTML 6Page - Microchip Technology MCP4452 Datasheet HTML 7Page - Microchip Technology MCP4452 Datasheet HTML 8Page - Microchip Technology MCP4452 Datasheet HTML 9Page - Microchip Technology MCP4452 Datasheet HTML 10Page - Microchip Technology MCP4452 Datasheet HTML 11Page - Microchip Technology MCP4452 Datasheet HTML 12Page - Microchip Technology MCP4452 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
© 2010 Microchip Technology Inc.
DS22265A-page 9
MCP444X/446X
Rheostat
Differential Non-
linearity
MCP44X1
(Note 4, Note 8)
MCP44X2
devices
only
(Note 4)
R-DNL
-0.5
±0.25
+0.5
LSb
5 k
Ω
8-bit
5.5V, IW = 900 µA
-1.0
+0.5
+1.0
LSb
3.0V, IW = 480 µA
(Note 7)
-0.375
±0.25
+0.375
LSb
7-bit
5.5V, IW = 900 µA
-0.75
+0.5
+0.75
LSb
3.0V, IW = 480 µA
(Note 7)
-0.5
±0.25
+0.5
LSb
10 k
Ω
8-bit
5.5V, IW = 450 µA
-1.0
+0.25
+1.0
LSb
3.0V, IW = 240 µA
(Note 7)
-0.375
±0.25
+0.375
LSb
7-bit
5.5V, IW = 450 µA
-0.75
+0.5
+0.75
LSb
3.0V, IW = 240 µA
(Note 7)
-0.5
±0.25
+0.5
LSb
50 k
Ω
8-bit
5.5V, IW = 90 µA
-0.5
±0.25
+0.5
LSb
3.0V, IW = 48 µA
(Note 7)
-0.375
±0.25
+0.375
LSb
7-bit
5.5V, IW = 90 µA
-0.375
±0.25
+0.375
LSb
3.0V, IW = 48 µA
(Note 7)
-0.5
±0.25
+0.5
LSb
100 k
Ω 8-bit
5.5V, IW = 45 µA
-0.5
±0.25
+0.5
LSb
3.0V, IW = 24 µA
(Note 7)
-0.375
±0.25
+0.375
LSb
7-bit
5.5V, IW = 45 µA
-0.375
±0.25
+0.375
LSb
3.0V, IW = 24 µA
(Note 7)
Capacitance (PA)CAW
—
75
—
pF
f =1 MHz, Code = Full Scale
Capacitance (Pw)CW
—
120
—
pF
f =1 MHz, Code = Full Scale
Capacitance (PB)CBW
—
75
—
pF
f =1 MHz, Code = Full Scale
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ TA ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP44X1
only.
4:
MCP44X2
only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8:
The MCP44X1 is externally connected to match the configurations of the MCP44X2, and then tested.
9:
POR/BOR is not rate dependent.
10:
Supply current is independent of current through the resistor network.
11:
When HVC/A0 = VIHH, the IDD current is less due to current into the HVC/A0 pin. See IPU specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com