Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4452 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP4452
Description  7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4452 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP4452 Datasheet HTML 12Page - Microchip Technology MCP4452 Datasheet HTML 13Page - Microchip Technology MCP4452 Datasheet HTML 14Page - Microchip Technology MCP4452 Datasheet HTML 15Page - Microchip Technology MCP4452 Datasheet HTML 16Page - Microchip Technology MCP4452 Datasheet HTML 17Page - Microchip Technology MCP4452 Datasheet HTML 18Page - Microchip Technology MCP4452 Datasheet HTML 19Page - Microchip Technology MCP4452 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
MCP444X/446X
DS22265A-page 16
© 2010 Microchip Technology Inc.
107
TSU:DAT Data input setup
time
100 kHz mode
250
—
ns
Note 2
400 kHz mode
100
—
ns
1.7 MHz mode
10
—
ns
3.4 MHz mode
10
—
ns
109
TAA
Output valid
from clock
100 kHz mode
—
3450
ns
Note 1
400 kHz mode
—
900
ns
1.7 MHz mode
—
150
ns
Cb = 100 pF,
Note 1
, Note 7
—
310
ns
Cb = 400 pF,
Note 1
, Note 5
3.4 MHz mode
—
150
ns
Cb = 100 pF, Note 1
110
TBUF
Bus free time
100 kHz mode
4700
—
ns
Time the bus must be free
before a new transmission
can start
400 kHz mode
1300
—
ns
1.7 MHz mode
N.A.
—
ns
3.4 MHz mode
N.A.
—
ns
TSP
Input filter spike
suppression
(SDA and SCL)
100 kHz mode
—
50
ns
Philips Spec states N.A.
400 kHz mode
—
50
ns
1.7 MHz mode
—
10
ns
Spike suppression
3.4 MHz mode
—
10
ns
Spike suppression
TABLE 1-3:
I2C BUS DATA REQUIREMENTS (SLAVE MODE) (CONTINUED)
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in AC/DC characteristics
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2:
A fast-mode (400 kHz) I2C-bus device can be used in a standard-mode (100 kHz) I2C-bus system, but the
requirement tSU;DAT ≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line
TR max.+tSU;DAT = 1000 + 250 = 1250 ns (according to the standard-mode I2C bus specification) before
the SCL line is released.
3:
The MCP44X1/MCP44X2 device must provide a data hold time to bridge the undefined part between VIH
and VIL of the falling edge of the SCL signal. This specification is not a part of the I2C specification, but
must be tested in order to ensure that the output data will meet the setup and hold specifications for the
receiving device.
4:
Use Cb in pF for the calculations.
5:
Not Tested.
6:
A Master Transmitter must provide a delay to ensure that difference between SDA and SCL fall times do
not unintentionally create a Start or Stop condition.
7:
Ensured by the TAA 3.4 MHz specification test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com