Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBH26
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBH26 Datasheet HTML 7Page - STMicroelectronics LNBH26 Datasheet HTML 8Page - STMicroelectronics LNBH26 Datasheet HTML 9Page - STMicroelectronics LNBH26 Datasheet HTML 10Page - STMicroelectronics LNBH26 Datasheet HTML 11Page - STMicroelectronics LNBH26 Datasheet HTML 12Page - STMicroelectronics LNBH26 Datasheet HTML 13Page - STMicroelectronics LNBH26 Datasheet HTML 14Page - STMicroelectronics LNBH26 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LNBH26
Application information (valid for each section A/B)
Doc ID 022771 Rev 1
11/38
If OLR=0, the involved output is automatically re-enabled as soon as the overload condition
is removed, and the OLF bit is reset to “0” after a register reading operation.
2.21
OTF: thermal protection and diagnostic
The LNBH26 is also protected against overheating: when the junction temperature exceeds
150 °C (typ.), the step-up converter and both liner regulators are shut off, the diagnostic
OTF bit in the STATUS1 register is set to “1” and the FLT pin is set to low level. After the
overtemperature condition is removed, normal operation can be resumed in two ways,
according to the THERM I²C bit on the DATA4 register.
If THERM=1, all VSEL bits are reset to “0” and both LNB outputs (VOUT pins) are disabled.
To re-enable output stages, the VSEL bits must be set again by the microprocessor, while
the OTF bit is reset to “0” after a register reading operation.
If THERM=0, outputs are automatically re-enabled as soon as the overtemperature
condition is removed, while the OTF bit is reset to “0” after a register reading operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com