Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LNBH26
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LNBH26 Datasheet HTML 21Page - STMicroelectronics LNBH26 Datasheet HTML 22Page - STMicroelectronics LNBH26 Datasheet HTML 23Page - STMicroelectronics LNBH26 Datasheet HTML 24Page - STMicroelectronics LNBH26 Datasheet HTML 25Page - STMicroelectronics LNBH26 Datasheet HTML 26Page - STMicroelectronics LNBH26 Datasheet HTML 27Page - STMicroelectronics LNBH26 Datasheet HTML 28Page - STMicroelectronics LNBH26 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LNBH26
I²C interface protocol
Doc ID 022771 Rev 1
25/38
Table 10.
DATA 4 (Read/Write register. Register address = 0X5)
Bit
Name
CH
Value
Description
Bit 0
(LSB)
EN_IMON-
A
A
1
IMON diagnostic function is enabled. (VOUT is set to 21 V typ.)
0
IMON diagnostic function is disabled. Keep always at “0” if IMON is not used.
Bit 1
N/A
0
Reserved. Keep to “0”
Bit 2
N/A
0
Reserved. Keep to “0”
Bit 3
OLR
A/B
1
In the case of overload protection activation (OLF=1), all VSEL bits are reset
to “0” and LNB relevant output (VOUT pin) is disabled. The VSEL bits must be
set again by the master after the overcurrent condition is removed (OLF=0).
0
In the case of overload protection activation (OLF=1) the LNB output (VOUT
pin) is automatically enabled as soon as the overload condition is removed
(OLF=0) with the previous VSEL bit setting.
Bit 4
EN_IMON-
B
B
1
IMON diagnostic function is enabled
0
IMON diagnostic function is disabled. Keep always at “0” if IMON is not used.
Bit 5
N/A
0
Reserved. Keep to “0”
Bit 6
THERM
A/B
1
If thermal protection is activated (OTF=1), all VSEL bits are reset to “0” and
LNB output (VOUT pin) is disabled (both section A & B). The VSEL bits must
be set again by the master after the overtemperature condition is removed
(OTF=0).
0
In the case of thermal protection activation (OTF=1) the LNB output (VOUT
pin) is automatically enabled as soon as the overtemperature condition is
removed (OTF=0) with the previous VSEL bit setting.
Bit 7
(MSB)
COMP
1
DC-DC converter compensation set to use HIGH E.S.R. capacitors (VUP pin)
0DC-DC converter compensation set to use LOW E.S.R. capacitors (VUP pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com