Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH26
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH26 Datasheet HTML 17Page - STMicroelectronics LNBH26 Datasheet HTML 18Page - STMicroelectronics LNBH26 Datasheet HTML 19Page - STMicroelectronics LNBH26 Datasheet HTML 20Page - STMicroelectronics LNBH26 Datasheet HTML 21Page - STMicroelectronics LNBH26 Datasheet HTML 22Page - STMicroelectronics LNBH26 Datasheet HTML 23Page - STMicroelectronics LNBH26 Datasheet HTML 24Page - STMicroelectronics LNBH26 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LNBH26
I²C interface protocol
Doc ID 022771 Rev 1
21/38
7.2
Read mode transmission
In read mode the bytes sequence must be as follows:
a start condition (S)
a chip address byte with the LSB bit R/W=0
the register address byte of the internal first register to be accessed
a stop condition (P)
a new master transmission with the chip address byte and the LSB bit R/W=1
after the acknowledge the LNBH26 starts to send the addressed register content. As
long as the master keeps the acknowledge LOW, the LNBH26 transmits the next
address register byte content.
the transmission is terminated when the master sets the acknowledge HIGH with a
following stop bit.
Figure 12.
Example of reading procedure starting with first status address 0X0 (b)
ACK = Acknowledge
S = Start
P = Stop
R/W = 1/0, Read/Write bit
X = 0/1, set the values to select the CHIP address (see
Table 16 for pin selection) and to
select the REGISTER address (see
Table 7 to Table 12).
b.
The reading procedure can start from any register address (Status 1, 2 or Data1..4) by simply setting the X
values in the register address byte (after the first chip address in the above figure). It can be also stopped by
the master by sending a stop condition after any acknowledge bit.
AM10480v1
S
00
0
1
00
X
00000
X X X
P
MSB
LSB
STATUS 2
Add=0x1
MSB
LSB
STATUS 1
Add=0x0
S0
0
0
1
0
0
X
MSB
LSB
CHIP ADDRESS
MSB
LSB
REGISTER ADDRESS
MSB
LSB
CHIP ADDRESS
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com