Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LNBH26
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LNBH26 Datasheet HTML 10Page - STMicroelectronics LNBH26 Datasheet HTML 11Page - STMicroelectronics LNBH26 Datasheet HTML 12Page - STMicroelectronics LNBH26 Datasheet HTML 13Page - STMicroelectronics LNBH26 Datasheet HTML 14Page - STMicroelectronics LNBH26 Datasheet HTML 15Page - STMicroelectronics LNBH26 Datasheet HTML 16Page - STMicroelectronics LNBH26 Datasheet HTML 17Page - STMicroelectronics LNBH26 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Pin configuration
LNBH26
14/38
Doc ID 022771 Rev 1
Pin
Symbol
Name
Pin function
24
DSQIN-B
DSQIN for
DiSEqC envelope
input
Or
external 22 kHz
TTL input
It is intended for channel B 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz TTL input
depending on the EXTM-B I²C bit setting as follows:
If EXTM-B=0, TEN-B=1: it accepts the DiSEqC envelope code from the
main microcontroller. The LNBH26 uses this code to modulate the
internally generated 22 kHz carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic signals which
activate the 22 kHz tone output (refer to
Section 2.2).
Pull up high if the tone output is activated only by the TEN-B I²C bit.
Epad
Epad
Exposed pad
To be connected with power grounds and to the ground layer through vias
to dissipate the heat.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com