Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-R4C4-M1-M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3F2-R4C4-M1-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M1-M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3F2-R4C4-M1-M Datasheet HTML 3Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Photoelectric Sensors
E3F2
7
■ Ratings / Characteristics of AC Switching Models
Note: 1. For stable sensing distance in detail, please refer to “Engineering Data”
2. Typical sensing distance corresponds to 80% of the max. sensing distance.
3. The enclosure rating IP67 of OMRON internal standards correspond to stricter test requirements than the standard IEC 60529 (refer to
chapter “Precautions”)
Item
E3F2-3Z1
E3F2-3Z2
E3F2-R2Z1
E3F2-R2Z2
E3F2-DS10Z1
E3F2-DS10Z2
Sensing method
Through-beam
Non-polarizing Retroreflective
Diffuse reflective
(wide-beam characteristic)
Power supply voltage
24 to 240 VAC ±10%, 50 / 60 Hz
Current consumption
10 mA max.
5 mA max.
Rated sensing distance[1.]
3 m
0.1 - 2 m
(with reflector E39-R1)
0.1 m
(5 x 5 cm white mat paper)
Typical sensing distance for dif-
ferent reflector types [2.]
–
E39-R1: 3,4 m
E39-R7: 3,9 m
E39-R8: 5,2 m
–
Detectable object
Opaque object: 11 mm min.
Opaque object: 56 mm min.
Opaque objects
Directional angle
3° to 20°
–
Differential travel
–
20% max.
Response time
30 ms max.
Control output
AC solid state (SCR) 200 mA max.; residual voltage: 5 V max. at 200 mA
Power reset time
100 ms
Ambient illumination
Incandescent lamp: 3000 lx max. Sunlight: 10000 lx max.
Ambient temperature
Operating: -25 to 55 °C / Storage: -30 to 70 °C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85% / Storage: 35% to 95% (without condensation)
Insulation resistance
20 M
Ω min. at 500 V DC between energized parts and case
Dielectric strength
1500 VAC, 50 / 60 Hz for 1 min between energized parts and case
Vibration resistance
10 to 55 Hz, 1.5 mm double amplitude for 2 hrs each direction (X, Y, Z)
Shock resistance
500 m/sqr (approx. 50 g) for each direction (X, Y, Z)
Enclosure rating
IP67 [3.]; NEMA 1, 2, 4
Light source
Infrared LED (880 nm)
Indicators
Light incident/power indicator for light source (red)
Sensitivity adjustment
Fixed
Connection method
2 m, 5 m pre-wired cable (PVC dia. 4 mm (14 / 0.15))
Operation mode
Light-ON or Dark-ON (fixed)
Circuit protection
None
Weight (approx.)
110 g (pre-wired 2 m cable)
Housing materials
Plastic (case: ABS; lens: PMMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com