Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-R4C4-M1-M Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3F2-R4C4-M1-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M1-M Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3F2-R4C4-M1-M Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 11Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 12Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 13Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 14Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 15Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 16Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Photoelectric Sensors
E3F2
13
Note: Terminal numbers for connector type.
E3F2-10B4-
@
Through-beam emitter
ON when light is
incident.
(Light-ON)
Connect the
pink (Pin
)
and brown
(Pin
) cords or
open the pink
cord (Pin
).
ON when light is
interrupted. (Dark-
ON)
Connect the
pink (Pin
)
and blue
(Pin
) cords.
E3F2-LS10B4-
@
ON when light is
incident.
(Light-ON)
Connect the
pink (Pin
)
and brown
(Pin
) cords or
open the pink
cord (Pin
).
ON when light is
interrupted. (Dark-
ON)
Connect the
pink (Pin
)
and blue
(Pin
) cords.
Model
Output transistor
status
Timing chart
Connection
method
Output circuit
ON
OFF
ON
OFF
ON
OFF
Test
input
Light
emission
Indicator
Red
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(orange)
Output
transistor
Load
(relay)
2
1
2
Output
indicator
Orange
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
ZD
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(orange)
Output
transistor
Load
(relay)
2
3
Output
indicator
Orange
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(orange)
Output
transistor
Load
(relay)
2
1
2
Output
indicator
Stability
indicator*
Orange
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD
ZD: VZ = 36 V
Green
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(orange)
Output
transistor
Load
(relay)
2
3
Output
indicator
Stability
indicator*
Orange
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com