Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-R4C4-M1-M Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # E3F2-R4C4-M1-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M1-M Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button E3F2-R4C4-M1-M Datasheet HTML 16Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 17Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 18Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 19Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 20Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 21Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 22Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 23Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Photoelectric Sensors
E3F2
Precautions
The E3F2 Photoelectric Sensor is not a safety component for ensur-
ing the safety of people which is defined in EC directive (91/368/
EEC) and covered by separate European standards or by any other
regulations or standards.
■ Degree of protection
The E3F2 photoelectric sensors have a degree of protection rated
with IP67. In this case, the sensors have passed the OMRON heat
shock test before the IP67-test of IEC 60529 (submersion at 1m
water depth for 30 min). Afterwards the sensors have been tested
according to the OMRON waterproof test.
Heat shock: The Alternating, fast temperature changes between
-25°C and +55°C are executed for 5 cycles and 1 hour
for each temperature. Function and isolation are
checked.
Water proof: The sensors are submerged alternating in water of
+2°C and +55°C. 20 cycles with 1 hour for each tem-
perature are executed. Function, water tightness and
electrical isolation are checked.
Do not expose the photoelectric sensor to excessive shock during
installation, keeping within IP 67 standards.
■ Wiring
If the input/output lines of the photoelectric sensor are placed in the
same conduit or duct as power lines or high-voltage lines, the photo-
electric sensor could be induced to malfunction, or even be damaged
by electrical noise. Separate the wiring, or use shielded lines as
input/output lines to the photoelectric sensor.
Do not connect the black wire to the brown wire without a load. Direct
connection of these wires may damage the photoelectric sensor (AC
switching type).
When using the photoelectric sensor in the vicinity of an inverter
motor, ensure to connect the protective earth ground wire of the
motor to earth. Failure to ground the motor may result in malfunction
of the sensor.
When you use the photoelectric sensor at temperatures exceeding
45°C, the load current must be within the described values as shown
in the figure below.
■ Installation
Do not exceed a torque of
• 2.0 Nm (20 kgf cm) when tightening mounting nuts for plastic
models
• 20.0 Nm (200 kgf cm) when tightening mounting nuts for metal
models
Black
Brown
Blue
Load
Sensor
24 to 240 VAC
Operating temperature (˚C)
200
130
55
45
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com