Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-R4C4-M1-M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3F2-R4C4-M1-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M1-M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3F2-R4C4-M1-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 11Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 12Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 13Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 14Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Photoelectric Sensors
E3F2
11
Diffuse reflective Models (radial)
E3F2-DS30
@41-@
Diffuse reflective Models (axial)
E3F2-D1
@4-@
■ Light spot vs.
sensing distance
■ Incline (left and right) ■ Incline (up and down)
Background suppression Models
E3F2-LS
@
Background suppression Models
E3F2-LS
@
Background suppression Models
E3F2-LS
@
■ Object material vs. sensing distance
Background suppression Models
E3F2-LS
@
100
200
300
400
500
0
100
10
1
0.1
Distance X (mm)
Grey paper
(18% reflectivity)
Sensing object:
100 x 100 mm
White paper
(90% reflectivity)
Sensitivity adjusted to 390 mm
0,1
1
10
100
Distance(m)
0
0.5
1
1.5
2
0
2
4
6
050
100
150
Distance(mm)
-20,00%
-10,00%
0,00%
10,00%
20,00%
-40
-30
-20
-10
0
10
20
30
40
Incline Angle (˚)
-20,00%
-10,00%
0,00%
10,00%
20,00%
-40
-30
-20
-10
0
10
20
30
40
Incline Angle (˚)
0,0
20,0
40,0
60,0
80,0
100,0
120,0
white
corrugated
paper
black
SUS
mirror



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com