Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-R4C4-M1-M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3F2-R4C4-M1-M
Description  Photoelectric Sensors E3F2
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4C4-M1-M Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3F2-R4C4-M1-M Datasheet HTML 2Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 3Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 4Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 5Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 6Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4C4-M1-M Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Photoelectric Sensors
E3F2
Specifications
■ Ratings / Characteristics of DC Switching Models
Note: 1. For stable sensing distance in detail, please refer to “Engineering Data”
2. Typical sensing distance corresponds to 80% of the max. sensing distance.
3. The enclosure rating IP67 of OMRON internal standards correspond to stricter test requirements than the standard IEC 60529 (refer to
chapter “Precautions”)
4. For other cable materials (e.g. PUR) please contact your OMRON sales representative.
5. Material-specification for stainless steel housing case: 1.4305 (W.-No.), 303 (AISI), 2346 (SS). For other stainless steel materials please
contact your OMRON sales representative.
6. with slit E39-ES18
7. PNP models -B4: V
CC to VCC -2.5 V: Emitting OFF (Source current: 3 mA max.) / Open or 0 to 2.5 V: Emitting ON (Leakage current: 0.1
mA max.)
NPN models -C4: 0 to 2.5 V: Emitting OFF (Source current: 3 mA max.) / Open or Vcc to Vcc -2.5 V: Emitting ON (Leakage current: 0.1
mA max.)
Item
E3F2-7
@
E3F2-10
@
E3F2-R2
@4-@ E3F2-R2R@ E3F2-R4@-@ E3F2-DS10@ E3F2-DS30@
E3F2-
D1
@4-@
E3F2-
LS10
@4-@
Sensing method
Through-beam
Retroreflective
Diffuse reflective
- multi
purpose
- Precision
detection [6.]
- test input
Non-
polarizing
Polarizing
Wide beam
characteristic
Adjustable sensing distance
Background
suppression
Power supply voltage
10 to 30 V DC 12 to 24 V DC 10 to 30 V DC
Current consumption
50 mA max.
25 mA max.
30 mA max.
25 mA max.
30 mA max.
Rated sensing distance
[1.]
7 m
10 m
0.1 - 2 m
(with reflector E39-R1)
0.1 - 4 m
(with reflector
E39-R1S)
0.1 m
(5 x 5 cm white
mat paper)
0.3 m
(10 x 10 cm
white
mat paper)
1 m
(30 x 30 cm
white
mat paper)
0.1 m
(10 x 10 cm
white
mat paper)
Typical sensing distance
for different reflector
types (ref. to accesso-
ries) [2.]
–
E39-R1:
4.0 m
E39-R7:
4.5 m
E39-R8:
5.3 m
E39-R1:
axial
3.7 m
radial
2.4 m
E39-R7:
axial
4.2 m
radial
2.7 m
E39-R8:
axial
5.3 m
radial
3.1 m
E39-R1S:4.3 m
E39-R7: 4.8 m
E39-R8: 5.6 m
E39-R40: 4.3 m
E39-RS3:
2 m
–
Standard object
Opaque: 11 mm dia. min.
Opaque: 56 mm dia. min.
–
Directional angle
3° to 20°
–
Differential travel
(hysteresis)
–
20% max.
5% max
Black/white error
–
3%
Response time
Operation and Reset: 2.5 ms max.
1 ms max
2.5 ms max.
1 ms max.
Control output
Transistor (open collector), load current: 100 mA max. (residual voltage: 2 V max.)
Power reset time
50 ms
100 ms max.
50 ms
100 ms
Ambient illumination
Incandescent lamp: 3000 lx max. / Sunlight: 10000 lx max.
Ambient temperature
Operating: -25 to 55 °C / Storage: -30 to 70 °C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85% / Storage: 35% to 95% (without condensation)
Insulation resistance
20 M
Ω min. at 500 V DC between energized parts and case
Dielectric strength
1000 VAC max., 50 / 60 Hz for 1 min between energized parts and case
Vibration resistance
10 to 55 Hz, 1.5 mm double amplitude for 2 hrs each direction (X, Y, Z)
Shock resistance
Destruction: 500 m/s2 each direction (X, Y, Z)
Enclosure ratings
IP67 [3.]; NEMA 1, 2, 4
Light source
Infrared LED (880 nm/850 nm)
Red LED (660 nm)
Infrared LED (880 nm)
Red LED
(660 nm)
Indicators
Light incident
/ power indi-
cator for light
source (red)
Output
(orange) /
light emission
(red)
Light incident / power
indicator for light source (red)
Light incident
(red) /
stability (green)
Light incident / power indicator
for light source (red)
Light incident
(red) /
stability
(green)
Output
indicator
(orange) / sta-
bility (green)
Sensitivity adjustment
Fixed
Fixed /
Adjustable
Fixed
Adjustable
Fixed
Connection method
2 m, 5 m pre-wired cable (PVC, dia. 4 mm (18 / 0.12) [4.]) or M12-connector
Test Input
–
[7.]
–
Operation mode
Light-ON or Dark-ON selectable by wiring
Weight (approx.)
Plastic
case
pre-wired (2 m) 120 g
60 g
connector
40 g
20 g
Metal
case
pre-wired (2 m) 180 g
90 g
connector
120 g
50 g
Circuit protection
Output short-circuit and power supply reverse polarity
Housing materials
Plastic (case: ABS; lens: PMMA)
Nickel brass
Nickel brass
–
Nickel brass
Nickel brass
Nickel brass
Nickel brass
Nickel brass
Nickel brass
Stainless
steel [5.]
–
–
Stainless
steel [5.]
–Stainless
steel [5.]
Stainless
steel [5.]
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com