Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA600 Datasheet(PDF) 60 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 56Page - Microsemi Corporation APA600 Datasheet HTML 57Page - Microsemi Corporation APA600 Datasheet HTML 58Page - Microsemi Corporation APA600 Datasheet HTML 59Page - Microsemi Corporation APA600 Datasheet HTML 60Page - Microsemi Corporation APA600 Datasheet HTML 61Page - Microsemi Corporation APA600 Datasheet HTML 62Page - Microsemi Corporation APA600 Datasheet HTML 63Page - Microsemi Corporation APA600 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 50
v5.9
Predicted Global Routing Delay
Global Routing Skew
Table 2-43 • Worst-Case Commercial Conditions1
VDDP = 3.0 V, VDD = 2.3 V, TJ = 70°C
Parameter
Description
Max.
Units
Std.
tRCKH
Input Low to High2
1.1
ns
tRCKL
Input High to Low2
1.0
ns
tRCKH
Input Low to High3
0.8
ns
tRCKL
Input High to Low3
0.8
ns
Notes:
1. The timing delay difference between tile locations is less than 15 ps.
2. Highly loaded row 50%.
3. Minimally loaded row.
Table 2-44 • Worst-Case Military Conditions
VDDP = 3.0V, VDD = 2.3V, TJ = 125°C for Military/MIL-STD-883
Parameter
Description
Max.
Units
tRCKH
Input Low to High (high loaded row of 50%)
1.1
ns
tRCKL
Input High to Low (high loaded row of 50%)
1.0
ns
tRCKH
Input Low to High (minimally loaded row)
0.8
ns
tRCKL
Input High to Low (minimally loaded row)
0.8
ns
Note: * The timing delay difference between tile locations is less than 15 ps.
Table 2-45 • Worst-Case Commercial Conditions
VDDP = 3.0 V, VDD = 2.3 V, TJ = 70°C
Parameter
Description
Max.
Units
Std.
tRCKSWH
Maximum Skew Low to High
270
ps
tRCKSHH
Maximum Skew High to Low
270
ps
Table 2-46 • Worst-Case Commercial Conditions
VDDP = 3.0V, VDD = 2.3V, TJ = 125°C for Military/MIL-STD-883
Parameter
Description
Max.
Units
tRCKSWH
Maximum Skew Low to High
270
ps
tRCKSHH
Maximum Skew High to Low
270
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com