Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA600 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 78Page - Microsemi Corporation APA600 Datasheet HTML 79Page - Microsemi Corporation APA600 Datasheet HTML 80Page - Microsemi Corporation APA600 Datasheet HTML 81Page - Microsemi Corporation APA600 Datasheet HTML 82Page - Microsemi Corporation APA600 Datasheet HTML 83Page - Microsemi Corporation APA600 Datasheet HTML 84Page - Microsemi Corporation APA600 Datasheet HTML 85Page - Microsemi Corporation APA600 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 72
v5.9
FIFO Reset
Notes:
1. During reset, either the enables (WRB and RBD) OR the clocks (WCLKS and RCKLS) must be low.
2. The plot shows the normal operation status.
Figure 2-45 • FIFO Reset
Table 2-68 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CBRSH1
WCLKS or RCLKS
↑ hold from RESETB ↑
1.5
ns
Synchronous mode only
CBRSS1
WCLKS or RCLKS
↓ setup to RESETB ↑
1.5
ns
Synchronous mode only
ERSA
New EMPTY
↑ access from RESETB ↓
3.0
ns
FRSA
FULL
↓ access from RESETB ↓
3.0
ns
RSL
RESETB low phase
7.5
ns
THRSA
EQTH or GETH access from RESETB
↓
4.5
ns
WBRSH1
WB
↓ hold from RESETB ↑
1.5
ns
Asynchronous mode only
WBRSS1
WB
↑ setup to RESETB ↑
1.5
ns
Asynchronous mode only
Note: During rest, the enables (WRB and RBD) must be high OR the clocks (WCLKS and RCKLS) must be low.
RESETB
EMPTY
EQTH, GETH
FULL
WRB/RBD1
Cycle Start
Cycle Start
WCLKS, RCLKS1
tERSA, tFRSA
tTHRSA
tCBRSS
tWBRSS
tCBRSH
tWBRSH
tRSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com