Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA600 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 57Page - Microsemi Corporation APA600 Datasheet HTML 58Page - Microsemi Corporation APA600 Datasheet HTML 59Page - Microsemi Corporation APA600 Datasheet HTML 60Page - Microsemi Corporation APA600 Datasheet HTML 61Page - Microsemi Corporation APA600 Datasheet HTML 62Page - Microsemi Corporation APA600 Datasheet HTML 63Page - Microsemi Corporation APA600 Datasheet HTML 64Page - Microsemi Corporation APA600 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-51
Module Delays
Sample Macrocell Library Listing
Figure 2-26 • Module Delays
Table 2-47 • Worst-Case Military Conditions1
VDD = 2.3 V, TJ = 70º C, TJ = 70°C, TJ = 125°C for Military/MIL-STD-883
Cell Name
Description
Std.
Max
Min
Units
NAND2
2-Input NAND
0.5
ns
AND2
2-Input AND
0.7
ns
NOR3
3-Input NOR
0.8
ns
MUX2L
2-1 MUX with Active Low Select
0.5
ns
OA21
2-Input OR into a 2-Input AND
0.8
ns
XOR2
2-Input Exclusive OR
0.6
ns
LDL
Active Low Latch (LH/HL)
LH2
0.9
ns
CLK-Q
HL2
0.8
ns
tsetup
0.7
ns
thold
0.1
ns
DFFL
Negative Edge-Triggered D-type Flip-Flop (LH/HL)
CLK-Q
LH2
0.9
ns
HL2
0.8
ns
tsetup
0.6
ns
thold
0.0
ns
Notes:
1. Intrinsic delays have a variable component, coupled to the input slope of the signal. These numbers assume an input slope typical of
local interconnect.
2. LH and HL refer to the Q transitions from Low to High and High to Low, respectively.
A
B
50%
Y
50%
50% 50%
50%
50%
C
50%50%
50%
50%
50%
50%
t
DALH
t
DBLH
t
DAHL
t
DBHL
t
DCHL
t
DCLH
A
B
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com