Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA600 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 69Page - Microsemi Corporation APA600 Datasheet HTML 70Page - Microsemi Corporation APA600 Datasheet HTML 71Page - Microsemi Corporation APA600 Datasheet HTML 72Page - Microsemi Corporation APA600 Datasheet HTML 73Page - Microsemi Corporation APA600 Datasheet HTML 74Page - Microsemi Corporation APA600 Datasheet HTML 75Page - Microsemi Corporation APA600 Datasheet HTML 76Page - Microsemi Corporation APA600 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-63
Asynchronous Write and Read to the Same Location
Note: The plot shows the normal operation status.
Figure 2-36 • Asynchronous Write and Read to the Same Location
Table 2-60 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
ORDA
New DO access from RB
↓
7.5
ns
ORDH
Old DO valid from RB
↓
3.0
ns
OWRA
New DO access from WB
↑
3.0
ns
OWRH
Old DO valid from WB
↑
0.5
ns
RAWRS
RB
↓ or RADDR from WB ↓
5.0
ns
RAWRH
RB
↑ or RADDR from WB ↑
5.0
ns
Notes:
1. During an asynchronous read cycle, each write operation (synchronous or asynchronous) to the same location will automatically
trigger a read operation which updates the read data. Refer to the ProASICPLUS RAM and FIFO Blocks application note for more
information.
2. Violation or RAWRS will disturb access to the OLD data.
3. Violation of RAWRH will disturb access to the NEWER data.
RB, RADDR
OLD
NEWER
NEW
t
ORDA
t
ORDH
t
OWRH
t
RAWRH
WB = {WRB+WBLKB}
DO
t
OWRA
t
RAWRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com