Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA600 Datasheet(PDF) 84 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 84 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 80Page - Microsemi Corporation APA600 Datasheet HTML 81Page - Microsemi Corporation APA600 Datasheet HTML 82Page - Microsemi Corporation APA600 Datasheet HTML 83Page - Microsemi Corporation APA600 Datasheet HTML 84Page - Microsemi Corporation APA600 Datasheet HTML 85Page - Microsemi Corporation APA600 Datasheet HTML 86Page - Microsemi Corporation APA600 Datasheet HTML 87Page - Microsemi Corporation APA600 Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 74
v5.9
VPP
Programming Supply Pin
This pin may be connected to any voltage between GND
and 16.5 V during normal operation, or it can be left
unconnected.2 For information on using this pin during
programming,
see
the
In-System
Programming
ProASICPLUS Devices application note. Actel recommends
floating the pin or connecting it to VDDP.
VPN
Programming Supply Pin
This pin may be connected to any voltage between 0.5 V
and –13.8 V during normal operation, or it can be left
unconnected.3 For information on using this pin during
programming,
see
the
In-System
Programming
ProASICPLUS Devices application note. Actel recommends
floating the pin or connecting it to GND.
Recommended Design Practice
for VPN/VPP
ProASICPLUS Devices – APA450, APA600,
APA750, APA1000
Bypass capacitors are required from VPP to GND and VPN
to GND for all ProASICPLUS devices during programming.
During the erase cycle, ProASICPLUS devices may have
current surges on the VPP and VPN power supplies. The
only way to maintain the integrity of the power
distribution to the ProASICPLUS device during these
current surges is to counteract the inductance of the
finite length conductors that distribute the power to the
device. This can be accomplished by providing sufficient
bypass capacitance between the VPP and VPN pins and
GND (using the shortest paths possible). Without
sufficient
bypass
capacitance
to
counteract
the
inductance, the VPP and VPN pins may incur a voltage
spike beyond the voltage that the device can withstand.
This issue applies to all programming configurations.
The solution prevents spikes from damaging the
ProASICPLUS devices. Bypass capacitors are required for
the VPP and VPN pads. Use a 0.01 µF to 0.1 µF ceramic
capacitor with a 25 V or greater rating. To filter low-
frequency noise (decoupling), use a 4.7 µF (low ESR, <1
<
Ω, tantalum, 25 V or greater rating) capacitor. The
capacitors should be located as close to the device pins as
possible (within 2.5 cm is desirable). The smaller, high-
frequency capacitor should be placed closer to the device
pins than the larger low-frequency capacitor. The same
dual-capacitor circuit should be used on both the VPP and
VPN pins (Figure 2-46).
ProASICPLUS Devices – APA075, APA150,
APA300
These devices do not require bypass capacitors on the VPP
and VPN pins as long as the total combined distance of
the programming cable and the trace length on the
board is less than or equal to 30 inches. Note: For trace
lengths greater than 30 inches, use the bypass capacitor
recommendations in the previous section.
2. There is a nominal 40 k
Ω pull-up resistor on V
PP.
3. There is a nominal 40 k
Ω pull-down resistor on V
PN.
Figure 2-46 • ProASICPLUS VPP and VPN Capacitor Requirements
2.5cm
0.1 µF
to
0.01 µF
Programming
Header
or
Supplies
4.7 µF
Actel
ProASIC
Device
+
+
+
_
V
PP
V
PN
+
_
0.1 µF
to
0.01 µF
4.7 µF
PLUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com