Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 27Page - Analog Devices AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices AD9361BBCZ Datasheet HTML 32Page - Analog Devices AD9361BBCZ Datasheet HTML 33Page - Analog Devices AD9361BBCZ Datasheet HTML 34Page - Analog Devices AD9361BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 31 of 36
Figure 65. TX Spectrum vs. Frequency Offset from Carrier Frequency, fLO_TX =
5.8 GHz, WiMAX 40 MHz Downlink (Digital Attenuation Variations Shown)
Figure 66. TX EVM vs. TX Attenuation Setting, WiMAX 40 MHz,
64 QAM Modulation, fLO_TX = 5.495 GHz, 40 MHz REF_CLK
(Doubled Internally for RF Synthesizer)
Figure 67. Integrated TX LO Phase Noise vs. Frequency, 40 MHz REF_CLK
(Doubled Internally for RF Synthesizer)
Figure 68. TX Carrier Rejection vs. Frequency
Figure 69. TX Second-Order Harmonic Distortion (HD2) vs. Frequency
Figure 70. TX Third-Order Harmonic Distortion (HD3) vs. Frequency
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–50
–40
–30
–20
–10
0
10
20
30
40
50
FREQUENCY OFFSET (MHz)
ATT 0dB
ATT 3dB
ATT 6dB
–40
–38
–36
–34
–32
–30
0
2
4
6
8
10
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
FREQUENCY (GHz)
–40°C
+25°C
+85°C
–70
–60
–50
–40
–30
–20
–10
0
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
FREQUENCY (GHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
–80
–75
–70
–65
–60
–55
–50
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
FREQUENCY (GHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
–50
–45
–40
–35
–30
–25
–20
–15
–10
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
FREQUENCY (GHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com