Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 23Page - Analog Devices AD9361BBCZ Datasheet HTML 24Page - Analog Devices AD9361BBCZ Datasheet HTML 25Page - Analog Devices AD9361BBCZ Datasheet HTML 26Page - Analog Devices AD9361BBCZ Datasheet HTML 27Page - Analog Devices AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 27 of 36
Figure 44. TX Spectrum vs. Frequency Offset from Carrier Frequency, fLO_TX =
2.3 GHz, LTE 20 MHz Downlink (Digital Attenuation Variations Shown)
Figure 45. TX EVM vs. Transmitter Attenuation Setting, 40 MHz REF_CLK,
LTE 20 MHz, 64 QAM Modulation
Figure 46. Integrated TX LO Phase Noise vs. Frequency, 40 MHz REF_CLK
Figure 47. TX Carrier Rejection vs. Frequency
Figure 48. TX Second-Order Harmonic Distortion (HD2) vs. Frequency
Figure 49. TX Third-Order Harmonic Distortion (HD3) vs. Frequency
–120
–100
–80
–60
–40
–20
0
–25
–20
–15
–10
–5
0
5
10
15
20
25
FREQUENCY OFFSET (MHz)
ATT 0dB
ATT 3dB
ATT6dB
–50
–45
–40
–35
–30
–25
–20
0
5
10
15
20
25
30
35
40
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
0
0.1
0.2
0.3
0.4
0.5
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
–80
–75
–70
–65
–60
–55
–50
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
–60
–55
–50
–45
–40
–35
–30
–25
–20
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com