Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 24Page - Analog Devices AD9361BBCZ Datasheet HTML 25Page - Analog Devices AD9361BBCZ Datasheet HTML 26Page - Analog Devices AD9361BBCZ Datasheet HTML 27Page - Analog Devices AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices AD9361BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9361
Data Sheet
Rev. D | Page 28 of 36
Figure 50. TX Third-Order Output Intercept Point (OIP3) vs.
TX Attenuation Setting
Figure 51. TX Signal-to-Noise Ratio (SNR) vs. TX Attenuation Setting,
LTE 20 MHz Signal of Interest with Noise Measured at 90 MHz Offset
Figure 52. TX Single Sideband (SSB) Rejection vs. Frequency,
3.075 MHz Offset
0
5
10
15
20
25
30
0
4
8
12
16
20
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
140
142
144
146
148
150
152
154
156
158
160
0
3
6
9
12
15
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com