Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 11Page - Analog Devices AD9361BBCZ Datasheet HTML 12Page - Analog Devices AD9361BBCZ Datasheet HTML 13Page - Analog Devices AD9361BBCZ Datasheet HTML 14Page - Analog Devices AD9361BBCZ Datasheet HTML 15Page - Analog Devices AD9361BBCZ Datasheet HTML 16Page - Analog Devices AD9361BBCZ Datasheet HTML 17Page - Analog Devices AD9361BBCZ Datasheet HTML 18Page - Analog Devices AD9361BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 15 of 36
ABSOLUTE MAXIMUM RATINGS
Table 11.
Parameter
Rating
VDDx to VSSx
−0.3 V to +1.4 V
VDD_INTERFACE to VSSx
−0.3 V to +3.0 V
VDD_GPO to VSSx
−0.3 V to +3.9 V
Logic Inputs and Outputs to
VSSx
−0.3 V to VDD_INTERFACE + 0.3 V
Input Current to Any Pin
Except Supplies
±10 mA
RF Inputs (Peak Power)
2.5 dBm
TX Monitor Input Power (Peak
Power)
9 dBm
Package Power Dissipation
(TJMAX − TA)/θJA
Maximum Junction
Temperature (TJMAX)
110°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
REFLOW PROFILE
The AD9361 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 12. Thermal Resistance
Package
Type
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3
θJB1,4
ΨJT1,2
Unit
144-Ball
CSP_BGA
0
32.3
9.6
20.2
0.27
°C/W
1.0
29.6
0.43
°C/W
2.5
27.8
0.57
°C/W
1
Per JEDEC JESD51-7, plus JEDEC JESD51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-STD 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com